Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7356 Datasheet HTML 8Page - Analog Devices AD7356 Datasheet HTML 9Page - Analog Devices AD7356 Datasheet HTML 10Page - Analog Devices AD7356 Datasheet HTML 11Page - Analog Devices AD7356 Datasheet HTML 12Page - Analog Devices AD7356 Datasheet HTML 13Page - Analog Devices AD7356 Datasheet HTML 14Page - Analog Devices AD7356 Datasheet HTML 15Page - Analog Devices AD7356 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet
AD7356
Rev. B | Page 11 of 20
Total HarmonicDistortion(THD)
THD is the ratio of the rms sum of harmonics to the
fundamental. For the AD7356, it is defined as
( )
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
dB
+
+
+
+
−
=
where:
V1 is the rms amplitudeof the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of thesecond
through the sixth harmonics.
Spurious Free DynamicRange (SFDR)
SFDR is the ratio of the rms value of the next largest component
in the ADC output spectrum(up to fS/2 and excluding dc) to
the rms value of the fundamental. Normally, the valueof this
specification is determined by thelargest harmonicin the
spectrum, but for ADCswherethe harmonics are buriedin
the noise floor, it is a noise peak.
IntermodulationDistortion(IMD)
With inputs consisting of sine waves at two frequencies, fa
and fb, any active device with nonlinearities createsdistortion
products at sum and difference frequencies of mfa± nfb where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are thosefor which neitherm nor n is equal tozero.For example,
the second-ordertermsinclude (fa + fb)and (fa − fb), while the
third-ordertermsinclude (2fa + fb), (2fa − fb), (fa + 2fb), and
(fa − 2fb).
The AD7356 is tested using the CCIF standard where twoinput
frequencies nearthe top end of the inputbandwidth areused.
In this case, the second-order termsare usually distanced in
frequency from theoriginal sine waves and the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second-and third-order termsare specified
separately. The calculation of the intermodulation distortion
is as per the THD specification, where it is the ratio of the rms
sum of the individual distortion products to the rmsamplitude
of the sum of the fundamentals expressed in decibels.
Thermal Hysteresis
Thermal hysteresis is defined as the absolutemaximumchange
of referenceoutput voltage after the device is cycled through
temperature from either
T_HYS+ = +25°C to TMAX to +25°C
T_HYS– = +25°C to TMIN to +25°C
Thermal hysteresis is expressedin ppm using the following
equation:
6
10
)
25
(
)
_
(
)
25
(
)
ppm
(
×
°
−
°
=
C
V
HYS
T
V
C
V
V
REF
REF
REF
HYS
where:
VREF(25°C) is VREF at 25°C.
VREF(T_HYS) is the maximum change of VREF at T_HYS+
or T_HYS–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com