Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7356 Datasheet HTML 12Page - Analog Devices AD7356 Datasheet HTML 13Page - Analog Devices AD7356 Datasheet HTML 14Page - Analog Devices AD7356 Datasheet HTML 15Page - Analog Devices AD7356 Datasheet HTML 16Page - Analog Devices AD7356 Datasheet HTML 17Page - Analog Devices AD7356 Datasheet HTML 18Page - Analog Devices AD7356 Datasheet HTML 19Page - Analog Devices AD7356 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet
AD7356
Rev. B | Page 15 of 20
MODES OF OPERATION
The mode of operation of the AD7356 is selected by controlling
the logic state of the CS signal during a conversion. There are
three possible modes of operation: normal mode, partial power-
down mode, and full power-down mode. After a conversion is
initiated, the point at which CS is pulled high determines which
power-down mode, if any, the device enters. Similarly, if already
in a power-down mode, CS can control whether the device returns
to normal operation or remains in a power-down mode.
These modes of operation are designed to provide flexible power
management options. These options can be chosen to optimize
the power dissipation/throughput rate ratio for the differing
application requirements.
NORMAL MODE
Normal mode is intended for applications needing the fastest
throughput rates because the user does not have to worry about
any power-up times because the AD7356 remains fully powered
at all times. Figure 24 shows the general diagram of the
operation of the AD7356 in normal mode.
SCLK
LEADING ZEROS + CONVERSION RESULT
CS
SDATAA
SDATAB
114
10
Figure 24. Normal Mode Operation
The conversion is initiated on the falling edge of CS, as described
in the Serial Interface section. To ensure that the part remains
fully powered up at all times, CS must remain low until at least
10 SCLK falling edges have elapsed after the falling edge of CS.
If CS is brought high any time after the 10th SCLK falling edge
but before the 14th SCLK falling edge, the part remains powered
up; however, the conversion is terminated and SDATAA and
SDATAB go back into three-state. To complete the conversion
and access the conversion result for the AD7356, 14 serial clock
cycles are required. The SDATA lines do not return to three-
state after 14 SCLK cycles have elapsed but instead do so when
CS is brought high again. If CS is left low for another two SCLK
cycles, two trailing zeros are clocked out after the data. If CS is
left low for a further 14 SCLK cycles, the result for the other
ADC on board is also accessed on the same SDATA line (see
Figure 31 and the Serial Interface section).
Once 32 SCLK cycles have elapsed, the SDATA line returns to
three-state on the 32nd SCLK falling edge. If CS is brought high
prior to this, the SDATA line returns to three-state at that point.
Thus, CS may idle low after 32 SCLK cycles until it is brought
high again sometime prior to the next conversion. The bus still
returns to three-state upon completion of the dual result read.
When a data transfer is complete and SDATAA and SDATAB
have returned to three-state, another conversion can be initiated
after the quiet time, tQUIET, has elapsed by bringing CS low again
(assuming the required acquisition time has been allowed).
PARTIAL POWER-DOWN MODE
Partial power-down mode is intended for use in applications in
which slower throughput rates are required. Either the ADC is
powered down between each conversion or a series of conversions
can be performed at a high throughput rate and the ADC is then
powered down between these bursts of several conversions. It is
recommended that the AD7356 not remain in partial power-
down mode for longer than 100 μs. When the AD7356 is in
partial power-down, all analog circuitry is powered down
except for the on-chip reference and reference buffers.
To enter partial power-down mode, the conversion process
must be interrupted by bringing CS high any time after the
second falling edge of SCLK and before the 10th falling edge of
SCLK, as shown in Figure 25. When CS has been brought high
in this window of SCLKs, the part enters partial power-down,
the conversion that was initiated by the falling edge of CS is
terminated, and SDATAA and SDATAB go back into three-state.
If CS is brought high before the second SCLK falling edge, the
part remains in normal mode and does not power down. This
avoids accidental power-down due to glitches on the CS line.
SCLK
THREE-STATE
CS
SDATAA
SDATAB
114
10
2
Figure 25. Entering Partial Power-Down Mode
To exit this mode of operation and power up the AD7356 again,
perform a dummy conversion. On the falling edge of CS, the
device begins to power up, and continues to power up as long
as CS is held low until after the falling edge of the 10th SCLK.
The device is fully powered up after approximately 200 ns have
elapsed (or one full conversion) and valid data results from the
next conversion, as shown in Figure 26. If CS is brought high
before the second falling edge of SCLK, the AD7356 again goes
into partial power-down. This avoids accidental power-up due
to glitches on the CS line. Although the device may begin to
power up on the falling edge of CS, it powers down again on the
rising edge of CS. If the AD7356 is already in partial power-down
mode and CS is brought high between the second and 10th
falling edges of SCLK, the device enters full power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com