Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 1 Page - Analog Devices

  AD7356 Datasheet HTML 1Page - Analog Devices AD7356 Datasheet HTML 2Page - Analog Devices AD7356 Datasheet HTML 3Page - Analog Devices AD7356 Datasheet HTML 4Page - Analog Devices AD7356 Datasheet HTML 5Page - Analog Devices AD7356 Datasheet HTML 6Page - Analog Devices AD7356 Datasheet HTML 7Page - Analog Devices AD7356 Datasheet HTML 8Page - Analog Devices AD7356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Differential Input, Dual, Simultaneous
Sampling, 5 MSPS, 12-Bit, SAR ADC
Data Sheet
AD7356
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks andregistered trademarks are the property oftheir respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700 ©2008–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual 12-bit SAR ADC
Simultaneous sampling
Throughput rate: 5 MSPS per channel
Specified for VDD at 2.5 V
No conversion latency
Power dissipation: 36 mW at 5 MSPS
On-chip reference: 2.048 V ± 0.25%, 6 ppm/°C
Dual conversion with read
High speed serial interface: SPI-/QSPI™-/MICROWIRE™-/DSP-
compatible
−40°C to +125°C operation
Available in a 16-lead TSSOP
APPLICATIONS
Data acquisition systems
Motion control
I and Q demodulation
FUNCTIONAL BLOCK DIAGRAM
SCLK
AD7356
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
SDATAA
CS
SDATAB
DGND
REFGND
AGND
VDRIVE
VDD
AGND
T/H
T/H
BUF
BUF
REF
VINA+
VINA–
REFA
VINB+
VINB–
REFB
Figure 1.
GENERAL DESCRIPTION
The AD73561 is a dual, 12-bit, high speed, low power, successive
approximation ADCthat operatesfroma single 2.5 V power
supply and featuresthroughput rates up to 5 MSPS. The device
contains twoADCs, eachprecededbya lownoise,widebandwidth
track-and-hold circuit thatcan handleinput frequenciesin excess
of 110 MHz.
The conversionprocess anddata acquisition use standardcontrol
inputs allowing for easy interfacing to microprocessors orDSPs.
The input signal is sampledonthefalling edgeofCS; a conversion
is also initiated at this point. The conversion time is determined
by the SCLK frequency.
The AD7356 uses advanced design techniques to achievevery
low power dissipation at high throughput rates. With a 2.5 V
supply and a 5 MSPSthroughputrate,thepart consumestypically
14 mA. The part also offers a flexible power/throughputrate
management option.
The analog input range for the partis the differential common
mode ±VREF/2. The AD7356 has an on-chip 2.048 V reference
that can be overdriven when an external reference is preferred.
The AD7356 is available in a 16-lead thin shrinksmall outline
package (TSSOP).
PRODUCT HIGHLIGHTS
1. Two CompleteADC Functions.
These functionsallowsimultaneoussampling and conversion
of two channels. The conversion result of both channels
is simultaneously available on separatedata lines or in
succession on one data line if only one serial port is
available.
2. High Throughput with Low Power Consumption.
The AD7356 offers a 5 MSPS throughput rate with 36 mW
power consumption.
3. No Conversion Latency.
The AD7356 featurestwostandardsuccessiveapproximation
ADCs with accurate control of the sampling instant via a
CS input and, once off, conversion control.
Table 1. Related Devices
Generic
Resolution
Throughput Analog Input
AD7352
12-bit
3 MSPS
Differential
AD7357
14-bit
4.25 MSPS
Differential
AD7266
12-bit
2 MSPS
Differential/single ended
AD7866
12-bit
1 MSPS
Single-ended
AD7366
12-bit
1 MSPS
Single-ended bipolar
AD7367
14-bit
1 MSPS
Single-ended bipolar
1
Protected by U.S. Patent No. 6,681,332.


Similar Part No. - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7356 AD-AD7356 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356BRUZ AD-AD7356BRUZ Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7356BRUZ AD-AD7356BRUZ Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356BRUZ-500RL7 AD-AD7356BRUZ-500RL7 Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
More results

Similar Description - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_17 Datasheet
690Kb / 25P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com