| Electronic Components Datasheet Search |
|
AD7356 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7356 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 21 page ![]() AD7356 Data Sheet Rev. B | Page 18 of 20 SERIAL INTERFACE Figure 30 shows the detailed timing diagram for serial interfacing to the AD7356. The serial clock provides the conversion clock and controls the transfer of information from the AD7356 during conversion. The CS signal initiates the data transfer and conversion process. The falling edge of CS puts the track and hold into hold mode, at which point the analog input is sampled and the bus is taken out of three-state. The conversion is also initiated at this point and requires a minimum of 14 SCLKs to complete. When 13 SCLK falling edges have elapsed, the track and hold goes back into track on the next SCLK rising edge, as shown in Figure 30 at Point B. If a 16-bit data transfer is used on the AD7356, then two trailing zeros appear after the final LSB. On the rising edge of CS, the conversion is terminated and SDATAA and SDATAB go back into three-state. If CS is not brought high, but is instead held low for an additional 14 SCLK cycles, the data from the conversion on ADC B is output on SDATAA (see Figure 31). Likewise, the data from the conversion on ADC A is output on SDATAB. In this case, the SDATA line in use goes back into three-state on the 32nd SCLK falling edge or the rising edge of CS, whichever occurs first. A minimum of 14 serial clock cycles is required to perform the conversion process and to access data from one conversion on either data line of the AD7356. CS falling low provides the leading zero to be read in by the microcontroller or DSP. The remaining data is then clocked out by subsequent SCLK falling edges, beginning with a second leading zero. Thus, the first falling clock edge on the serial clock has the leading zero provided and also clocks out the second leading zero. The 12-bit result then follows with the final bit in the data transfer and is valid on the 14th falling edge (having been clocked out on the previous (13th) falling edge). In applications with a slower SCLK, it may be possible to read in data on each SCLK rising edge depending on the SCLK frequency. With a slower SCLK, the first rising edge, of SCLK after the CS falling edge has the second leading zero provided, and the 13th rising SCLK edge has DB0 provided. CS SCLK 1 5 13 SDATAA SDATAB 2 LEADING ZEROS THREE- STATE t4 2 34 t5 t3 tQUIET t2 THREE-STATE DB11 DB10 DB2 DB0 t6 t7 t8 0 0 DB1 DB9 DB8 t9 tACQUISITION tCONVERT B Figure 30. Serial Interface Timing Diagram CS SCLK 1 5 15 SDATAA THREE- STATE t4 2 34 16 t5 t3 t2 THREE- STATE t6 t7 14 0 0 ZERO DB11B 17 2 LEADING ZEROS t10 32 DB11A 2 LEADING ZEROS DB10A DB9A ZERO ZERO ZERO 2 TRAILING ZEROS ZERO ZERO 2 TRAILING ZEROS Figure 31. Reading Data from Both ADCs on One SDATA Line with 32 SCLKs |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |