Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7356 Datasheet HTML 13Page - Analog Devices AD7356 Datasheet HTML 14Page - Analog Devices AD7356 Datasheet HTML 15Page - Analog Devices AD7356 Datasheet HTML 16Page - Analog Devices AD7356 Datasheet HTML 17Page - Analog Devices AD7356 Datasheet HTML 18Page - Analog Devices AD7356 Datasheet HTML 19Page - Analog Devices AD7356 Datasheet HTML 20Page - Analog Devices AD7356 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Data Sheet
AD7356
Rev. B | Page 19 of 20
APPLICATION HINTS
GROUNDING AND LAYOUT
The analog and digital supplies to the AD7356 are independent
and separately pinned out to minimize coupling between the
analog and digital sections of the device. Design the printed
circuit board (PCB)that houses the AD7356 so that the analog
and digital sections are separated and confined to certain areas
of the board. This design facilitates the use of ground planes
that can be easily separated.
To provideoptimumshieldingfor groundplanes, a minimumetch
technique is generally best. Sinkthe two AGND pins of the
AD7356 in the AGND plane, and sinkthe REFGND pin in the
AGND plane. Digital and analog groundplanesmust bejoined
in only one place.If theAD7356is in a systemin which multiple
devices requirean AGNDandDGNDconnection,theconnection
must still be made at one point only, a star ground point that
must be established as close as possibleto the groundpins on
the AD7356.
Avoid running digital lines underthedevicebecausethis couples
noise onto the die. Allow the analog groundplanesto run under
the AD7356 to avoid noise coupling. The power supply lines to
the AD7356 should useaslargea traceas possible to providelow
impedance paths and reducethe effects of glitches on the power
supply line.
To avoid radiating noise to other sectionsof the board, shield
fast switching signals such as clocks, with digital ground; and
never runclocksignalsneartheanalog inputs. Avoidcrossoverof
digital and analog signals. To reduce the effects of feedthrough
within the board, traces on opposite sidesof the board should
run at right angles to each other. A microstrip techniqueis the
best methodbutis notalways possiblewitha double sided board.
In this technique, the component side of the boardis dedicated
to ground planes and signals are placedon the solderside.
Good decoupling is important; decouple all supplieswith 10 µF
tantalum capacitors in parallel with 0.1 µF capacitors to GND.
To achievethebest resultsfromthesedecoupling components,
they must be placed as close as possibleto the device, ideally
right up against the device. The 0.1 µF capacitor, (including the
common ceramictypes or surface-mounttypes)should havelow
effective series resistance (ESR)and effective seriesinductance
(ESI). These lowESR and ESIcapacitors providea lowimpedance
path to ground at high frequencies to handle transient currents
due to logic switching.
EVALUATING THE AD7356 PERFORMANCE
The recommendedlayout for the AD7356 is outlined in the
EVAL-AD7356EDZ documentation. The EVAL-AD7356EDZ
package includes a fully assembled andtested evaluation board,
documentation, andsoftwarefor controlling the board fromthe
PC via the converterevaluation anddevelopment board (CED).
The CED canbeused in conjunction with theEVAL-AD7356EDZ
(as well as many other evaluationboards ending in the ED
designatorfromAnalog Devices, Inc.)todemonstrate/evaluatethe
ac and dc performance of the AD7356.
The softwareallowstheusertoperformac(fast Fouriertransform)
and dc (linearity) tests on the AD7356. The software and
documentationareon a CDshippedwiththeEVAL-AD7356EDZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com