Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, Simultaneous Sampling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7356 Datasheet HTML 13Page - Analog Devices AD7356 Datasheet HTML 14Page - Analog Devices AD7356 Datasheet HTML 15Page - Analog Devices AD7356 Datasheet HTML 16Page - Analog Devices AD7356 Datasheet HTML 17Page - Analog Devices AD7356 Datasheet HTML 18Page - Analog Devices AD7356 Datasheet HTML 19Page - Analog Devices AD7356 Datasheet HTML 20Page - Analog Devices AD7356 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AD7356
Data Sheet
Rev. B | Page 16 of 20
FULL POWER-DOWN MODE
Full power-down mode is intended for use in applications where
throughput rates slower than those in partial power-down mode
are required because power-up from a full power-down takes
substantially longer than that from a partial power-down. This
mode is more suited to applications in which a series of conversions
performed at a relatively high throughput rate are followed by a
long period of inactivity and, thus, power-down. When the
AD7356 is in full power-down mode, all analog circuitry is
powered down including the on-chip reference and reference
buffers. Full power-down mode is entered in a similar way as
partial power-down mode, except that the timing sequence shown
in Figure 25 must be executed twice. The conversion process
must be interrupted in a similar fashion by bringing CS high
anywhere after the second falling edge of SCLK and before the
10th falling edge of SCLK. The device enters partial power-down
mode at this point.
To reach full power-down, the next conversion cycle must be
interrupted in the same way, as shown in Figure 27. When CS is
brought high in this window of SCLKs, the part fully powers down.
Note that it is not necessary to complete the 14 or 16 SCLKs
once CS has been brought high to enter a power-down mode.
To exit full power-down mode and power-up the AD7356, perform
a dummy conversion, similar to powering up from partial power-
down. On the falling edge of CS, the device begins to power up as
long as CS is held low until after the falling edge of the 10th SCLK.
The required power-up time must elapse before a conversion
can be initiated, as shown in Figure 28.
SCLK
CS
SDATAA
SDATAB
INVALID DATA
VALID DATA
110
14
14
1
THE PART BEGINS
TO POWER UP.
tPOWER-UP1
THE PART IS FULLY POWERED UP;
SEE THE POWER-UP TIMES SECTION.
Figure 26. Exiting Partial Power-Down Mode
THREE-STATE
110
14
2
SCLK
CS
SDATAA
SDATAB
THREE-STATE
110
14
2
INVALID DATA
INVALID DATA
THE PART BEGINS
TO POWER UP.
THE PART ENTERS
PARTIAL POWER-DOWN MODE.
THE PART ENTERS
FULL POWER-DOWN MODE.
Figure 27. Entering Full Power-Down Mode
SCLK
SDATAA
SDATAB
INVALID DATA
VALID DATA
1
10
14
14
1
THE PART BEGINS
TO POWER UP.
THE PART IS FULLY POWERED UP;
SEE THE POWER-UP TIMES SECTION.
tPOWER-UP2
CS
Figure 28. Exiting Full Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com