Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  LMM409 Datasheet HTML 1Page - Bel Fuse Inc. LMM409 Datasheet HTML 2Page - Bel Fuse Inc. LMM409 Datasheet HTML 3Page - Bel Fuse Inc. LMM409 Datasheet HTML 4Page - Bel Fuse Inc. LMM409 Datasheet HTML 5Page - Bel Fuse Inc. LMM409 Datasheet HTML 6Page - Bel Fuse Inc. LMM409 Datasheet HTML 7Page - Bel Fuse Inc. LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
Example: After entering your requirements, the web Configurator could recommend the following optimized part
number: LPM409-0HEG-DXXX which represents: Low Profile Modular Series with single-phase AC input, 4-slot, 900W
chassis with modules of: blank panel “0” in slot 1 and modules H, E, G in slots 2 to 4, respectively. Besides the blanking
panel in slots 1, the example's modules in this case would represent desired DC output voltages as follows: Slot 2 = H
for 36V, Slot 3 = E for 3.3V and Slot 4 = G for 24V.
Assembly facility code and customer build ID No. are established during actual power supply assembly.
The slots numbering when viewing the unit from the rear, or output side is 1 - 6 from left to right.
3.1. Safety Approvals
LPM409 (Industrial)
LMM409 (Medical)
UL/CSA 60950-1 2nd
UL/CSA 60601-1, 3rd
IEC 60950-1 2nd
IEC 60601-1, 3rd
EN 60950-1 2nd
EN 60601-1, 3rd
CE Mark for LVD
3.2. Insulation Safety Ratings
TEST POINTS
MINIMUM TEST VOLTAGE
INSULATION SAFETY RATING
Input-to-Chassis
2120 Vdc / min. 1s
Basic Insulation
Input-to-Output
4240 Vdc / min. 1s
Reinforced Insulation
Outputs-to-Chassis
200 Vdc / min. 1s
Functional Insulation
Output-to-Output
200 Vdc / min. 1s
Functional Insulation
4.1. Environmental Specification
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Cooling
Internal DC fan, air intake is from the AC connector side
exiting at the DC module side
Audible Noise
Single unit, 4 modules assembled and full loaded, on a table
at 1m distance.
65
dBA
Operating Temperature
50°C at Full power and up to 70°C at 50% load (linearly
derated, for details see section 1.4)
-20
25
50
ºC
Storage Temperature
-40
75
ºC
Humidity
95% relative humidity @ 25 ºC, non-condensing
Vibration
Operating: Swept 5-500-5Hz profile, 3 axis, 5 sweep cycles
per axis
Non-operating: Swept 5-500-5Hz profile, 3 axis, 5 sweep
cycles per axis
1
4
Gpk
Gpk
Shock
Operating: 11ms, half sine, 10 shocks per face
Non-operating: 11ms, half sine, 3 shocks per face
20
40
Gpk
Gpk
4.2. Reliability
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Calculated MTBF
According to MIL-HDBK217, Ground benign 30ºC,
NOTE: Calculation was done for LPM409-EFGH.
250,000
hours
Demonstrated MTBF
Tamb = 25°C
250,000
hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com