Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button LMM409 Datasheet HTML 3Page - Bel Fuse Inc. LMM409 Datasheet HTML 4Page - Bel Fuse Inc. LMM409 Datasheet HTML 5Page - Bel Fuse Inc. LMM409 Datasheet HTML 6Page - Bel Fuse Inc. LMM409 Datasheet HTML 7Page - Bel Fuse Inc. LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. LMM409 Datasheet HTML 10Page - Bel Fuse Inc. LMM409 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
Turn-On Time
Time required for output within regulation after initial
application of AC input
1.5
s
Time required for output within regulation after
removing inhibit
100
ms
Hold-up Time
Vo is required to stay within 95% regulation after AC is
removed. Measured from the last AC peak, VAC min
and full load.
10
ms
Remote Sense 3
Total compensation for cable losses
250
500
mV
Over-current Protection
Automatic recovery (Hiccup by K-N modules)
130 (180
for K-N)
%
1
the E module dynamic deviation is less than 6%, the E, K, M module ripple is less than 2%
2
the K and M module dynamic deviation is less than 7% and response time is below 1000us
3
except K-N modules
7.3. Input - Signals, Features and Indicators Description
SIGNAL NAME
PIN
DESCRIPTION
Auxiliary Output
- 5V -
1,2 vs 3,4
(RTN_D)
Output is available when the AC input is over 85VAC. The output nominal output voltage is
5.0V at maximum current rating of 1.0A. Over current protection occurs above 1.5A. The
output is referenced to logic return, RTN_D.
Input AC Indication
- PFAIL -
5
Open Collector output with 20mA pull-down capability referenced to logic return RTN_D.
PFAIL open or High state indicates the warning that the input is out of limits (the input
voltage falls below 85Vac or rises over 264Vac ) 5 ms before the output goes below the
lower regulation limit. PFAIL will turn-off the green Input OK LED.
PFAIL LOW state indicates that the input voltage is within the operating range.
Fan Fail / OTP Indication
- FAN_FAIL -
6
Open Collector output pin with 20mA pull-down capability referenced to logic return
RTN_D.
FAN_FAIL OPEN OR HIGH state indicates a fan failure/over temperature protection (OTP)
condition min. 100 ms before the unit shuts-down. A fan failure/OTP condition will turn-off
the green FAN OK LED.
FAN_FAIL LOW state indicates normal fan operation and no OTP condition.
7.4. Output - Signals, Features and Indicators Description
7.4.1.Modules E, F, G, H, J
SIGNAL NAME
PIN
DESCRIPTION
Positive Sense Wire
- VS+ -
1
Output voltage sense wire. Internally connected to Vout+ via 51
Ω. It is recommended to
connect sense wire at positive load point.
Negative Sense Wire
- VS- -
2
Output voltage sense wire. Internally connected to Vout- via 51
Ω. It is recommended to
connect sense wire at negative load point.
Current Share
- CSH -
3
Common wire for parallel connected modules to achieve proper current sharing between
the modules. Referenced to the Common pin. Interconnect CS pin on all parallel working
modules. Active current share pin enables control of output voltage. Pulling-up this pin to
5V is possible to increase the output voltage. Pull-down of this pin has no effect. Voltage on
this pin is 3.5V at nominal module current.
Common
4
Reference pin to CSH
N/C
5
N/C
6
Output Good Indication
- PG_HI -
7
Open collector output with 20mA pull-down capability, max. 15V
(recommended Rpull-up = 1k, Vcc = 5V). Referenced to PG_LO.
PG_HI OPEN OR HIGH state indicates that the module output voltage is below lower
regulation limit. A PG_HI fail state turns the GREEN DC OK LED to RED.
PG_HI LOW state indicates the module output voltage is within normal operation limits.
- PG_LO -
8
Reference pin to PG_HI
Output Inhibit Function
- INH_HI -
9
An opto-isolated input with 2-10mA current capability. Apply +(3-15)V on INH_HI and RTN
on INH_LO (e.g. from the Auxiliary Output 5V) to activate the inhibit function.
INH_HI OPEN OR LOW state ENABLES the module output.
INH_HI HIGH state INHIBITES the module output.
- INH_LO -
10
Reference pin to INH_HI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com