Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  LMM409 Datasheet HTML 1Page - Bel Fuse Inc. LMM409 Datasheet HTML 2Page - Bel Fuse Inc. LMM409 Datasheet HTML 3Page - Bel Fuse Inc. LMM409 Datasheet HTML 4Page - Bel Fuse Inc. LMM409 Datasheet HTML 5Page - Bel Fuse Inc. LMM409 Datasheet HTML 6Page - Bel Fuse Inc. LMM409 Datasheet HTML 7Page - Bel Fuse Inc. LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Input Fuse
One fuse, non-user serviceable, located on line leg of AC
input, Fast Acting type
12.5
A
Inrush Current Limitation
Provided by NTC
See
Input Specification section
Short Circuit Protection
Provided by Current Limit circuit
105 1
125 1
%
Io_nom
Output Overvoltage
Protection
Latching (unit needs to be turned-off and on)
10
25
%
Vo_nom
Over Temperature
OT with auto restart
70
°C amb
1
100-150% for K, M modules
100-200% for L, N modules
6.1. EMC Immunity
PARAMETER
CONDITIONS / DESCRIPTION
CRITERION
Electrostatic Discharge
(ESD)
IEC/EN61000-4-2; GR-1089 R2-1, R2-2, R2-3
Level 4: contact: ±8 kV, air: ± 15kV
Perform, criterion B
RF Susceptibility
IEC/EN 61000-4-3;
Level 3: 10 V/m; 80 MHz to 1000 MHz;
AM 80%, 1 kHz radiated; RF electromagnetic field
Perform, criterion A
Fast transient / burst
IEC/EN 61000-4-4; Level 3; ±2 kV, 5kHz
electrical fast transient / burst immunity test
Perform, criterion B
Surge
IEC61000-4-5, level 3; line to earth: ± 2kV, line to line: ± 1kV surge
immunity test
Perform, criterion B
RF Conducted Disturbance
IEC/EN 61000-4-6; Level 3; GR-108;
10V, 0.15 to 80MHz, AM 80%, 1kHz
Perform, criterion A
Voltage Dips / Short
Interruptions
IEC/EN 61000-4-11; Voltage dips, interruptions and variations.
(Interpretation: dip below Vi min with Po nom = hold-up time 10 ms)
1a: Dip 30%, 100ms
Perform, criterion B
1a: Dip 30%, 200ms
Perform, criterion B
1a: Dip 60%, 10ms
Perform, criterion A
1a: Dip 60%, 100ms
Perform, criterion B
1a: Dip >95%, 10ms (interruption)
Perform, criterion A
1a: Dip >95%, 100ms (interruption)
Perform, criterion B
6.2. EMC Emission
PARAMETER
CONDITIONS / DESCRIPTION
CRITERION
Conducted Emission
EN55022, FCC
EN 55022, FCC – EN 55022, and CISPR 22 Class B,
FCC 47CFR15 unintentional radiators; standalone at all nominal
input voltages and measured in Po1: 0, 50%, 100%;
signal connections open
Class B;
min. 3dB/µV margin
Radiated Emission
EN55022, FCC
EN 55022, FCC – EN 55022, and CISPR 22 Class B,
FCC 47CFR15 unintentional radiators; standalone at all nominal
input voltages and measured in Po1: 0, 50%, 100%;
signal connections open
Radiated Class B QSP / AVG
min. 3 dB margin
Input Current Harmonics
EN 61000-3-2, sine wave input, Class D; measured standalone at all
Vin nominal at power levels between 0 and rated
Pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com