Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button LMM409 Datasheet HTML 7Page - Bel Fuse Inc. LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. LMM409 Datasheet HTML 10Page - Bel Fuse Inc. LMM409 Datasheet HTML 11Page - Bel Fuse Inc. LMM409 Datasheet HTML 12Page - Bel Fuse Inc. LMM409 Datasheet HTML 13Page - Bel Fuse Inc. LMM409 Datasheet HTML 14Page - Bel Fuse Inc. LMM409 Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
8.5.1.Modules K, L, M, N
SIGNAL NAME
PIN #
TYPE
SIGNAL
REFERENCE
LOW LEVEL
HIGH LEVEL
V MAX
I MAX
INH_LO_B
1
Reference for INH_HI_B
-
-
-
10mA
INH_HI_B
2
Input, protected by 18V Zener diode
INH_LO_B
LED with a serial
resistor 2 kOhms
15V
10mA
PG_LO_B
3
Reference for PG_HI_B
-
-
-
20mA
PG_HI_B
4
Open collector output
PG_LO_B
<400mV@5mA
Pull up
15V
20mA
N/C
5
-
-
-
-
N/C
6
-
-
-
-
INH_LO_A
7
Reference for INH_HI_A
-
-
-
10mA
INH_HI_A
8
Input, protected by 18V Zener diode
INH_LO_A
LED with a serial
resistor 2 kOhms
15V
10mA
PG_LO_A
9
Reference for PG_HI_A
-
-
-
20mA
PG_HI_A
10
Open collector output
PG_LO_A
<400mV@5mA
Pull up
15V
20mA
Overall Dimensions: 11.9" x 3.6" x 1.6" (303.7 x 92 x 40.64mm)
Weight: 1.38 kg (including 4 modules)
All drawing dimensions are shown in millimeters, unless otherwise noted.
Figure 6 - Front View
Figure 7 - Rear View
Figure 8 - Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com