Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. LMM409 Datasheet HTML 10Page - Bel Fuse Inc. LMM409 Datasheet HTML 11Page - Bel Fuse Inc. LMM409 Datasheet HTML 12Page - Bel Fuse Inc. LMM409 Datasheet HTML 13Page - Bel Fuse Inc. LMM409 Datasheet HTML 14Page - Bel Fuse Inc. LMM409 Datasheet HTML 15Page - Bel Fuse Inc. LMM409 Datasheet HTML 16Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
Figure 11 - LPM000-LEAD-03:
Front panel signal cable
(length of the cable 1.8m)
Figure 12a - LPM000-LEAD-04:
Output signal cable
(length of the cable 0.75m)
Figure 12b - LPM000-LEAD-05:
Output power cable for modules K-N (length
of the cable 0.75m)
10.2.
Signal Output Wire Colors
PIN #
SIGNAL NAME BY
MODULES E, F, G, H, J
SIGNAL NAME BY
MODULES K, L, M, N
WIRE COLOR
1
VS+
PG_HI_A
Red
2
VS-
PG_LO_A
Blue
3
CSH
INH_HI_A
Yellow
4
Common
INH_LO_A
White
5
N/C
N/C
-
6
N/C
N/C
-
7
PG_HI
PG_HI_B
Violet
8
PG_LO
PG_LO_B
Brown
9
INH_HI
INH_HI_B
Black
10
INH_LO
INH_LO_B
Green
10.3.
Paralleling Busbars (only for modules E-J)
ITEM
DESCRIPTION
MODEL
LPM000-BBAR-07
Busbar for parallel connection of two modules, central screw M5, max. 100A 1.
Two pieces are in one package LPM000-BBAR-07.
LPM000-BBAR-08
Busbar washer with 1 opening for odd module paralleling.
Two pieces are in one package LPM000-BBAR-08.
NOTES:
1 For load current over 100A use two or more cables connected to separate busbars.
2 By using busbars (paralleling modules) you will need also the signal output leads LPM000-LEAD-04, one for each connected module.
The interconnection is shown in
Figure 15 (especially all pins 3 - CSH and all pins 4 - Common must be reconnected).
3 Modules K-N cannot be connected in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com