Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 12 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 12 Page - Bel Fuse Inc.

Back Button LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. LMM409 Datasheet HTML 10Page - Bel Fuse Inc. LMM409 Datasheet HTML 11Page - Bel Fuse Inc. LMM409 Datasheet HTML 12Page - Bel Fuse Inc. LMM409 Datasheet HTML 13Page - Bel Fuse Inc. LMM409 Datasheet HTML 14Page - Bel Fuse Inc. LMM409 Datasheet HTML 15Page - Bel Fuse Inc. LMM409 Datasheet HTML 16Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
Figure 9 - Top View
Figure 10 - Bottom View
10.1.
Mating Connections and Cables
All the power and signal cables and mating connectors are not included in the LPM616 standard package. These all
need to be ordered extra.
Front panel signal cable:
Bel Power Solutions accessory LPM000-LEAD-03
see
Figure 11
Output signal cable:
Mating connector:
Bel Power Solutions accessory LPM000-LEAD-04
JST, housing PHDR-10VS, pins SPHD-002T-P0.5 (AWG 28-24)
see
Figure 12a
Output power cable (for LPM126):
14AWG – 10AWG depend on the output current, min. thermal class
105°C, lug terminal 4mm 6mm2
Output power cable (for LPM109/118):
Bel Power Solutions accessory LPM000-LEAD-05,
see
Figure 12b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com