Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 14 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 14 Page - Bel Fuse Inc.

Back Button LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. LMM409 Datasheet HTML 10Page - Bel Fuse Inc. LMM409 Datasheet HTML 11Page - Bel Fuse Inc. LMM409 Datasheet HTML 12Page - Bel Fuse Inc. LMM409 Datasheet HTML 13Page - Bel Fuse Inc. LMM409 Datasheet HTML 14Page - Bel Fuse Inc. LMM409 Datasheet HTML 15Page - Bel Fuse Inc. LMM409 Datasheet HTML 16Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
The example of LPM409-00EE-DXXX assembly configuration (two modules in parallel) is shown in
Figure13. One set of
busbars LPM000-BBAR-07 + 2x LPM-LEAD-04 is necessary for connection.
Figure 13 – LPM409-0000EE-DXXX Parallel Configuration
Figure 14 – LPM409-000EEE-DXXX Parallel Configuration
An example of an LPM409-0EEE-DXXX assembly configuration (three modules in parallel) is in
Figure14. Two sets of
busbars LPM000-BBAR-07 + one set of LPM000-BBAR-08 + 3x LPM-LEAD-04 are necessary to make the
interconnections.
Note, for odd number of modules in parallel it is necessary to also use one set of busbar washers LPM000-BBAR-08.
To connect the load for higher output currents use more cables for each pole. For example for 200A output current
(LPM409-EEEE-DXXX) connect minimal two power cables for each pole (2x 42mm2 for one pole). Use min. 105°C
thermal class isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com