Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  LMM409 Datasheet HTML 1Page - Bel Fuse Inc. LMM409 Datasheet HTML 2Page - Bel Fuse Inc. LMM409 Datasheet HTML 3Page - Bel Fuse Inc. LMM409 Datasheet HTML 4Page - Bel Fuse Inc. LMM409 Datasheet HTML 5Page - Bel Fuse Inc. LMM409 Datasheet HTML 6Page - Bel Fuse Inc. LMM409 Datasheet HTML 7Page - Bel Fuse Inc. LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2015 Bel Power Solutions, Inc.
North America
+1-866.513.2839
Asia-Pacific
+86.755.29885888
Europe, Middle East
+353 61 225 977
tech.support@psbel.com
BCD.00365_AB3
Standard output voltages of 1.5 to 54 VDC
Efficiencies up to 87% typical
Extra-Low 1U profile: 1.6 inch
High power density design of 14 Watts/cubic inch
1 to 4 isolated output slots, fully user configurable
Power Factor Correction (PFC) IEC 61000-3-2 compliant
700W @ 85 VAC or 900W @ 150VAC of total output power
Zero-load operation
Single-wire current sharing
Universal input AC range
Individual control signals on each module
Auxiliary power 5V (1A)
LPM409 (Industrial)
LMM409 (Medical)
Industrial equipment
Telecommunications
Test and measurement
Automation
Peripherals
Audio/broadcast
Linear and rotary motion
Imaging Equipment
Anesthesiology
Surgical Devices
Diagnostic Equipment
Patient Beds
Home Healthcare
Ultrasound
The LPM/LMM409 Series is a modular 900-watt AC-
DC power supply that provides a market-leading
power density of 14 watts per cubic inch and has an
extra low 1U profile. The LMM is the medically
approved version. From here on only the LPM
version will be discussed, differences for the LMM
version will be noted. The LPM409 offers the
flexibility
of
a
modular
architecture
and
the
combination of high efficiency and high power
density.
Designed for use where a unique set of voltage and
current requirements is needed, the supply's four
slots can be configured with PCB-based output
modules to deliver up to eight outputs. The LPM
output modules operate in any chassis position and
can provide up to 900 watts total power from a 150
VAC input and 700 watts from an 85 VAC input.
Forced-air cooling with airflow direction from input to
output is provided by an internal fan.
For LPM409 supplies using less than the four-slot
capability, blanking plates are installed for safety
purposes and to optimize airflow within the chassis.
The supplies are pre-set with default output module
settings or with the customer’s desired output
settings prior to delivery.
The LPM409 chassis can be populated with the
output modules listed in Module Selection table.
Conformal coating is available on request, please
consult with the factory.


Similar Part No. - LMM409

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMM104RM0 TI2-LMM104RM0 Datasheet
405Kb / 3P
LMM104RM0 Regulated 48V − 12V Intermediate Bus Converter
SEPTEMBER 2025
LMM104RM0EUX TI2-LMM104RM0EUX Datasheet
405Kb / 3P
LMM104RM0 Regulated 48V − 12V Intermediate Bus Converter
SEPTEMBER 2025
logo
List of Unclassifed Man...
LMM83S018C2N ETC1-LMM83S018C2N Datasheet
8Mb / 25P
LMM83S018C2N
logo
Taiyo Yuden (U.S.A.), I...
LMMCA160808T180NG TAIYO-YUDEN-LMMCA160808T180NG Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LMMC/LMMG series for Medical Devices classified as GHTF Class C (Japan Class III)
2025.09.22
LMMCA160808T230NG TAIYO-YUDEN-LMMCA160808T230NG Datasheet
278Kb / 2P
Wire-wound Ferrite Bead Inductors for Power Lines LMMC/LMMG series for Medical Devices classified as GHTF Class C (Japan Class III)
2025.09.22
More results

Similar Description - LMM409

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
I048C015T014P2 VICOR-I048C015T014P2 Datasheet
237Kb / 8P
Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
logo
Lineage Power Corporati...
NH020 LINEAGEPOWER-NH020 Datasheet
1Mb / 17P
Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
Output voltages from 3.3 V to 48 V
logo
M.S. Kennedy Corporatio...
MSK5500-18 MSK-MSK5500-18 Datasheet
303Kb / 7P
Alternate output voltages available
logo
XP Power Limited
AEH XPPOWER-AEH Datasheet
617Kb / 5P
Output Voltages from 2.5 V to 48 V
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
Output Current in Excess of 1.5 Ampere
logo
List of Unclassifed Man...
60001-003 ETC2-60001-003 Datasheet
281Kb / 5P
The optical isolator can accommodate standard operating voltages from 5 to 28 VDC
logo
Bel Fuse Inc.
MBC1200 BEL-MBC1200 Datasheet
1Mb / 14P
Single 24 VDC / 48 VDC output voltages available
MCC750 BEL-MCC750 Datasheet
1Mb / 12P
Single 24 VDC or 48 VDC output voltages available
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com