Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button LMM409 Datasheet HTML 4Page - Bel Fuse Inc. LMM409 Datasheet HTML 5Page - Bel Fuse Inc. LMM409 Datasheet HTML 6Page - Bel Fuse Inc. LMM409 Datasheet HTML 7Page - Bel Fuse Inc. LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. LMM409 Datasheet HTML 10Page - Bel Fuse Inc. LMM409 Datasheet HTML 11Page - Bel Fuse Inc. LMM409 Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
7.4.2.Modules K, L, M, N
SIGNAL NAME
PIN
DESCRIPTION
- INH_LO_B -
1
Reference pin to INH_HI_B
Output Inhibit Function
- INH_HI_B -
2
An opto-isolated input with 2-10mA current capability. Apply +(3-15)V on INH_HI_B and
RTN on INH_LO_B (e.g. from the Auxiliary Output 5V) to activate the inhibit function.
INH_HI OPEN OR LOW state ENABLES the module output.
INH_HI HIGH state INHIBIT the module output.
- PG_LO_B -
3
Reference pin to PG_HI_B
Output Good Indication
- PG_HI_B -
4
Open collector output with 20mA pull-down capability, max. 15V (recommended Rpull-
up=1k, Vcc=5V). Referenced to PG_LO_B.
PG_HI open or High state indicates that the module output voltage is below lower regulation
limit. A PG_HI fail state turns the GREEN DC OK LED to RED.
PG_HI LOW state indicates that the module output voltage is within normal operation limits.
N/C
5
N/C
6
- INH_LO_A -
7
Reference pin to INH_HI_A
Output Inhibit Function
- INH_HI_A -
8
An opto-isolated input with 2-10mA current capability. Apply +(3-15)V on INH_HI_A and
RTN on INH_LO_A (e.g. from the Auxiliary Output 5V) to activate the inhibit function.
INH_HI OPEN OR LOW state ENABLES the module output.
INH_HI HIGH state INHIBIT the module output.
- PG_LO_A -
9
Reference pin to PG_HI_A
Output Good Indication
- PG_HI_A -
10
Open collector output with 20mA pull-down capability, max. 15V (recommended Rpull-
up=1k, Vcc=5V). Referenced to PG_LO_A.
PG_HI open or High state indicates that the module output voltage is below lower regulation
limit. A PG_HI fail state turns the GREEN DC OK LED to RED.
PG_HI LOW state indicates that the module output voltage is within normal operation limits.
7.5. Visual Alarms Description
ALARM NAME
LED POSITION
DESCRIPTION
Input AC Good
Front panel – LED2
(see
Fig.7)
ON state LED indicates operation within specified input voltage range.
GREEN LED indicator goes to an OFF condition on PFAIL signal failure
state.
Fan Good
Front panel – LED1
(see
Fig.7)
ON state LED indicates normal fan operation and no OTP status.
GREEN LED indicator goes to an OFF condition on FAN_FAIL / OTP signal
failure state.
Output Good
Module connector / rear side
(see
Fig.5 and Fig.6)
GREEN LED indicates that module output voltage is over minimum
regulation limit.
GREEN LED indicator goes to RED on PG_HI signal failure state.
8.1. Input Connector Information
LPM409 front panel connectors pinout refers to Fig.4 and chapter 8.2 and 8.3. The signal connector is Cvilux part
number: CI3306P1H10, the mating part is Cvilux CI3306S0010, Molex 50-57-9406 or Taiwan King Pin P553L-06(LF).
NOTE: See chapter 10.1 Mating Connections and cables for Input cable information.
Figure 3 – LPM409 Front Panel Connectors Pinout View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com