Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button LMM409 Datasheet HTML 2Page - Bel Fuse Inc. LMM409 Datasheet HTML 3Page - Bel Fuse Inc. LMM409 Datasheet HTML 4Page - Bel Fuse Inc. LMM409 Datasheet HTML 5Page - Bel Fuse Inc. LMM409 Datasheet HTML 6Page - Bel Fuse Inc. LMM409 Datasheet HTML 7Page - Bel Fuse Inc. LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. LMM409 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
7.1. Input Specification
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Input AC Voltage Range
Continuous AC voltage Range
Po=700W from 85-150 VAC
Po=900W from 150-264 VAC
85
115/230
264
VAC
Input Overvoltage Range
At max. power, no input OVP shutdown
300
VAC
Ground continuity
0.1 1
Ohm
Leakage Current
@ 264 VAC, 60Hz, Commercial LPM / Medical LMM
1.5 / 0.5
mA
Frequency
AC line
47
50/60
63
Hz
Power Factor
Active PFC meets requirements of
EN 61000-3-2 at full load ,120/230 VAC input
0.98
Input Current
Steady state, 85 VAC at 700W
11
Arms
Inrush Current
180 VAC, Max Power, 25°C,
acc. prETS300-132-1
230 VAC, Max Power, 25°C,
acc. prETS300-132-1 (Repeat rate >1min)
40
A pk
Efficiency 2
Vi = 230 VAC 100% loading
86
87
%
Vi = 230 VAC 30-80% loading
80
82
%
Vi = 115 VAC 100% loading
83
84
%
Vi = 115 VAC 30-80% loading
78
80
%
1
For any combination of output modules, any valid load and voltage setting
2
Efficiency typical for standard configuration EFGH and nominal output voltage settings
7.2. Output Specification
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Output Power
One fan for internal cooling
900
W
Output DC
Voltages / Modules
All output modules work in any chassis position and are
max 1U high PCB-based
-
Current Share 3
Active single-wire current share (modules E-J)
Max. difference in currents between two modules–
percentage of one module nominal current
±10
%
Line Regulation
Input from 85 to 264 VAC , 80% load
1.0
% Vo_nom
Load Regulation
From 0-100% load, Input >180VAC, Vo_nom
1.0
% Vo_nom
Thermal Drift
After 15 minute warm-up period
0.02
%/ºC
Total Regulation
Variation of line, load and temperature drift
2.0
% Vo_nom
Output Adjust. Range
See Module Selection Table 1
Dynamic Response
Deviation for 10-90% or 90-10% load changes at a rate
of 1A/µs, (constant current mode, Vo reach 1% band
around Voset)
4% 1,2
2000µs
-
Deviation for 50-100% or 100-50% load steps with
1A/µs rate. (constant current mode, Vo reach 1% band
around Voset)
3% 1
400µs
-
Output Ripple & Noise
BW = 20MHz; Filter 10nF/10uF; over line and load,
25°C
1% of
Vo_nom 1
mVpk-pk
CM Noise
Output to chassis, over line and load
(Measured across 50 Ohms, with 10µH / 10nF in
parallel)
220
500
mVpp
Overshoot
Output voltage overshoot at turn-on
4
% Vo_nom
Turn-On Characteristics
Turn ON at minimum and nominal output current
Monotonic characteristic
-
Turn-Off Characteristics
Turn OFF at minimum and nominal output current
Monotonic characteristic
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com