Electronic Components Datasheet Search
  English  ▼

X  

LMM409 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # LMM409
Description  Standard output voltages of 1.5 to 54 VDC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LMM409 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button LMM409 Datasheet HTML 5Page - Bel Fuse Inc. LMM409 Datasheet HTML 6Page - Bel Fuse Inc. LMM409 Datasheet HTML 7Page - Bel Fuse Inc. LMM409 Datasheet HTML 8Page - Bel Fuse Inc. LMM409 Datasheet HTML 9Page - Bel Fuse Inc. LMM409 Datasheet HTML 10Page - Bel Fuse Inc. LMM409 Datasheet HTML 11Page - Bel Fuse Inc. LMM409 Datasheet HTML 12Page - Bel Fuse Inc. LMM409 Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LPM/LMM409
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00365_AB3
8.2. Input Power Connector - Pinout
SIGNAL NAME
PIN #
TYPE
RECOMMENDED WIRES
V MAX
I MAX
Earth
Earth / Chassis
Min. 0,75 mm2
e.g. Interpower 86230120
Max. torque on screws (M4x6): 1,5 Nm
AC Neutral
N
Input Power AC
264 Vrms
10 Arms
AC Line
L
Input Power AC Fused
CAUTION:
The plastic cover must be in place when AC input voltage is applied to the unit! The cover may be removed (with the
help of a screwdriver) only when the input cable is disconnected from the mains.
8.3. Input Signal Connector – Pinout
(Mating connector: Molex 50-57-9406, Pins: Molex 16-02-0082)
SIGNAL
NAME
PIN #
WIRE COLOR
TYPE
SIGNAL
REFERENCE
LOW LEVEL
HIGH LEVEL
V MAX
I MAX
+5V
1
Red
Aux Output
RTN_D
-
5.0Vdc
1.0Adc
+5V
2
Red
Aux Output
RTN_D
-
RTN_D
3
Black
Logic Reference Potential
-
-
-
RTN_D
4
Black
Logic Reference Potential
-
-
-
PFAIL
5
Yellow
Open Collector Output + ZD 5.6V
RTN_D
<400mV@ 20mA
Pull up
-
20mA
FAN_FAIL
6
Green
Open Collector Output + ZD 5.6V
RTN_D
<400mV@ 20mA
Pull up
-
20mA
8.4. Module Power Outputs Pinout
8.4.1.Modules E, F, G, H, J - A, B Bus-Bar
SIGNAL NAME
PIN #
TYPE
SIGNAL
REFERENCE
LOW LEVEL
HIGH LEVEL
V MAX
I MAX
Vout+
Vout+
Output Power DC
Vout-
-
See
Module
Selection Table 1
Vout-
Vout-
Output Power DC
-
-
See
Module
Selection Table 1
Connector type:
Bus-bar see
Figure 4
Mating part:
Ring terminal for M4 screw, with appropriate cross section for wire.
8.4.2.Modules K, L, M, N
SIGNAL NAME
PIN #
TYPE
SIGNAL
REFERENCE
LOW LEVEL
HIGH LEVEL
V MAX
I MAX
Vout1+
Vout1+
Output 1 Power DC
Vout1-
-
See
Module
Selection Table 1
Vout1-
Vout1-
Output 1 Power DC
-
-
See
Module
Selection Table 1
Vou2+ 1
Vout2+
Output 2 Power DC
Vout2-
-
See
Module
Selection Table 1
Vout2- 1
Vout2-
Output 2 Power DC
-
-
See
Module
Selection Table 1
1
valid only for two outputs modules M and N.
Connector type:
Phoenix Contact 1803277
Mating part:
Phoenix Contact 1850660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com