Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 4 Page - Analog Devices

  AD7765 Datasheet HTML 1Page - Analog Devices AD7765 Datasheet HTML 2Page - Analog Devices AD7765 Datasheet HTML 3Page - Analog Devices AD7765 Datasheet HTML 4Page - Analog Devices AD7765 Datasheet HTML 5Page - Analog Devices AD7765 Datasheet HTML 6Page - Analog Devices AD7765 Datasheet HTML 7Page - Analog Devices AD7765 Datasheet HTML 8Page - Analog Devices AD7765 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD7765
Rev. A | Page 3 of 32
SPECIFICATIONS
AVDD1 = DVDD = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF+ = 4.096 V, MCLK amplitude = 5 V, TA = +25°C, normal power mode, using
the on-chip amplifier with components as shown in the Optimal row in Table 7, unless otherwise noted.1
Parameter
Table 2.
Test Conditions/Comments
Specification
Unit
DYNAMIC PERFORMANCE
Decimate 256×
Normal Power Mode
MCLK = 40 MHz, ODR = 78.125 kHz, fIN = 1 kHz sine wave
Dynamic Range
Modulator inputs shorted
115
dB typ
110
dB min
Differential amplifier inputs shorted
113.4
dB typ
Signal-to-Noise Ratio (SNR)2
Input amplitude = −0.5 dB
109
dB typ
106
dB min
Spurious-Free Dynamic Range (SFDR)
Nonharmonic
130
dBFS typ
Total Harmonic Distortion (THD)
Input amplitude = −0.5 dB
−105
dB typ
Input amplitude = −6 dB
−103
dB typ
Input amplitude = −60 dB
−71
dB typ
Low Power Mode
MCLK = 40 MHz, ODR = 78.125 kHz, fIN = 1 kHz sine wave
Dynamic Range
Modulator inputs shorted
113
dB typ
110
dB min
Differential amplifier inputs shorted
112
dB typ
Signal-to-Noise Ratio (SNR)2
Input amplitude = −0.5 dB
109
dB typ
106
dB min
Total Harmonic Distortion (THD)
Input amplitude = −0.5 dB
−105
dB typ
Input amplitude = −6 dB
−111
dB typ
Input amplitude = −6 dB
−100
dB max
Input amplitude = −60 dB
−76
dB typ
Decimate 128×
Normal Power Mode
MCLK = 40 MHz, ODR = 156.25 kHz, fIN = 1 kHz sine wave
Dynamic Range
Modulator inputs shorted
112
dB typ
108
dB min
Differential amplifier inputs shorted
110.4
dB typ
Signal-to-Noise Ratio (SNR)2
107
dB typ
105
dB min
Spurious-Free Dynamic Range (SFDR)
Nonharmonic
130
dBFS typ
Total Harmonic Distortion (THD)
Input amplitude = −0.5 dB
−105
dB typ
Input amplitude = −6 dB
−103
dB typ
Intermodulation Distortion (IMD)
Input amplitude = −6 dB, fIN A = 50.3 kHz, fIN B = 47.3 kHz
Second-order terms
−117
dB typ
Third-order terms
−108
dB typ
Low Power Mode
MCLK = 40 MHz, ODR = 156.25 kHz, fIN = 1 kHz sine wave
Dynamic Range
Modulator inputs shorted
110
dB typ
109
dB min
Differential amplifier inputs shorted
109
dB typ
Signal-to-Noise Ratio (SNR)2
Input amplitude = −0.5 dB
107
dB typ
105
dB min
Total Harmonic Distortion (THD)
Input amplitude = −0.5 dB
−105
dB typ
Input amplitude = −6 dB
−111
dB typ
Input amplitude = −6 dB
−100
dB max
Intermodulation Distortion (IMD)
Input amplitude = −6 dB, fIN A= 50.3 kHz, fIN B = 47.3 kHz
Second-order terms
−134
dB typ
Third-order terms
−110
dB typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com