Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7765 Datasheet HTML 13Page - Analog Devices AD7765 Datasheet HTML 14Page - Analog Devices AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices AD7765 Datasheet HTML 18Page - Analog Devices AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AD7765
Rev. A | Page 16 of 32
AD7765 ANTIALIAS PROTECTION
The decimation of the AD7765, along with its counterparts in
the AD776x family, namely the AD7760, AD7762, AD7763, and
AD7764, provides top of the range antialias protection.
The decimation filter of the AD7765 features more than 115 dB
of attenuation across the full stop band, which ranges from the
Nyquist frequency, namely ODR/2, up to ICLK − ODR/2
(where ODR is the output data rate). Starting the stop band at
the Nyquist frequency prevents any signal component above
Nyquist (and up to ICLK − ODR/2) from aliasing into the
desired signal bandwidth.
Figure 26 shows the frequency response of the decimation filter
when the AD7765 is operated with a 40 MHz MCLK in
decimate 128× mode. Note that the first stop-band frequency
occurs at Nyquist. The frequency response of the filter scales
with both the decimation rate chosen and the MCLK frequency
applied. When using low power mode, the modulator sample
rate is MCLK/4.
Taking as an example the AD7765 in normal power and in
decimate 128× mode, the first possible alias frequency is at the
ICLK frequency minus the pass band of the digital filter (see
Figure 27).
NYQUIST = 78kHz
ODR = 156kHz
MODULATOR
SAMPLING RATE =
MCLK/2 = 20MHz
FIRST ALIAS POINT
20MHz TO 78kHz
SIMPLFIES ANTIALIAS
FILTER ROLL-OFF REQUIRED
DIGITAL FILTER
RESPONSE
FREQUENCY
(Hz)
DIGITAL FILTER
RESPONSE IMAGE
NOISE SHAPING
NO ALIASING OF SIGNALS
INTO PASSBAND AROUND
NYQUIST FREQUENCY
Figure 27. Antialias Example Using the AD7765 in Normal Mode, Decimate 128× Using MCLK/2 = ICLK = 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com