Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices AD7765 Datasheet HTML 18Page - Analog Devices AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices AD7765 Datasheet HTML 22Page - Analog Devices AD7765 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AD7765
Rev. A | Page 18 of 32
ON-CHIP DIFFERENTIAL AMPLIFIER
The AD7765 contains an on-board differential amplifier that
is recommended to drive the modulator input pins. Pin 1, Pin 2,
Pin 3, and Pin 4 on the AD7765 are the differential input and
output pins of the amplifier. The external components, RIN, RFB,
CFB, CS, and RM, are placed around Pin 1 through Pin 6 to create
the recommended configuration. To achieve the specified
performance, the differential amplifier should be configured as
a first-order antialias filter, as shown in Figure 29, using the
component values listed in Table 7. The inputs to the differential
amplifier are then routed through this external component
network before being applied to the modulator inputs VIN− and
VIN+(Pin 5 and Pin 6). Using the optimal values in the table as
an example yields a 25 dB attenuation at the first alias point of
19.84 MHz.
DIFF
AMP
RIN
RFB
CFB
RIN
RM
RM
CS
CM
RFB
CFB
VIN–
A
B
VIN+
1
3
2
4
5
6
VINA–
VINA+
VOUTA+
VOUTA–
Figure 29. Differential Amplifier Configuration
Table 7. On-Chip Differential Filter Component Values
RIN
(kΩ)
RFB
(kΩ)
RM
(Ω)
CS
(pF)
CFB
(pF)
CM
(pF)
Optimal
4.75
3.01
43
8.2
47
33
Tolerance
Range1
2.37
to
5.76
2.4 to
4.87
36 to
47
0 to
10
20 to
100
39 to
56
1
Values shown were the acceptable tolerances for each component when
altered relative to the optimal values used to achieve the stated
specifications of the device.
The range of values that can be used for each of the listed
components in the differential amplifier configuration is also
listed in Table 7. When using the differential amplifier to gain
the input voltages to the required modulator input range, it is
advisable to implement the gain function by changing RIN,
leaving the RFB as the listed optimal value.
The common-mode input at each of the differential amplifier
inputs (Pin VINA+ and Pin VINA−) can range from−0.5 V dc to
2.2 V dc. The amplifier has a constant output common-mode
voltage of 2.048 V, that is, VREF/2, the requisite common-mode
voltage for the modulator input pins (VIN+ and VIN−).
Figure 30 shows the signal conditioning that occurs using the
differential amplifier configuration detailed in Table 7 with a
±2.5 V input signal to the differential amplifier. The amplifier
in this example is biased around ground and is scaled to give
±3.168 V p-p (−0.5 dBFS) on each modulator input with a
2.048 V common mode.
0V
+2.5V
–2.5V
0V
+2.5V
–2.5V
A
B
+3.632V
+2.048V
+0.464V
+3.632V
+2.048V
+0.464V
VIN+
VIN–
Figure 30. Differential Amplifier Signal Conditioning
To obtain maximum performance from the AD7765, it is advisable
to drive the ADC with differential signals. Figure 31 shows how a
bipolar, single-ended signal biased around ground can drive the
AD7765 with the use of an external op amp, such as the AD8021.
DIFF
AMP
RIN
RFB
CFB
RIN
RM
RM
CS
RFB
CFB
VIN–
VIN
VIN+
AD8021
2R
2R
R
CM
Figure 31. Single-Ended-to-Differential Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com