Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 1 Page - Analog Devices

  AD7765 Datasheet HTML 1Page - Analog Devices AD7765 Datasheet HTML 2Page - Analog Devices AD7765 Datasheet HTML 3Page - Analog Devices AD7765 Datasheet HTML 4Page - Analog Devices AD7765 Datasheet HTML 5Page - Analog Devices AD7765 Datasheet HTML 6Page - Analog Devices AD7765 Datasheet HTML 7Page - Analog Devices AD7765 Datasheet HTML 8Page - Analog Devices AD7765 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
with On-Chip Buffers and Serial Interface
AD7765
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
FEATURES
High performance, 24-bit Σ-Δ ADC
115 dB dynamic range at 78 kHz output data rate
112 dB dynamic range at 156 kHz output data rate
156 kHz maximum fully filtered output word rate
Pin-selectable oversampling rate (128× and 256×)
Low power mode
Flexible SPI
Fully differential modulator input
On-chip differential amplifier for signal buffering
On-chip reference buffer
Full band low-pass finite impulse response (FIR) filter
Overrange alert pin
Digital gain correction registers
Power-down mode
Synchronization of multiple devices via SYNC
APPLICATIONS
pin
Daisy chaining
Data acquisition systems
Vibration analysis
Instrumentation
GENERAL DESCRIPTION
The AD7765 is a high performance, 24-bit sigma-delta (Σ-Δ)
analog-to-digital converter (ADC). It combines wide input
bandwidth, high speed, and performance of 112 dB dynamic
range at a 156 kHz output data rate. With excellent dc
specifications, the converter is ideal for high speed data
acquisition of ac signals where dc data is also required.
Using the AD7765 eases the front-end antialias filtering
requirements, simplifying the design process significantly. The
AD7765 offers pin-selectable decimation rates of 128× and
256×. Other features include an integrated buffer to drive the
reference, as well as a fully differential amplifier to buffer and
level shift the input to the modulator.
An overrange alert pin indicates when an input signal has
exceeded the acceptable range. The addition of internal gain
and internal overrange registers makes the AD7765 a compact,
highly integrated data acquisition device requiring minimal
peripheral components.
The AD7765 also offers a low power mode, significantly
reducing power dissipation without reducing the output data
rate or available input bandwidth.
FUNCTIONAL BLOCK DIAGRAM
REFGND
VREF+
BUF
VOUTA– VOUTA+ VIN+ VIN–
MCLK
GND
OVERRANGE
DEC_RATE
AVDD1
AVDD2
AVDD3
AVDD4
DVDD
RBIAS
SYNC
RESET/PWRDWN
VINA+
VINA–
FSO SCO
SDI
SDO
FSI
DIFF
MULTIBIT
Σ-Δ
MODULATOR
RECONSTRUCTION
DECIMATION
FIR FILTER ENGINE
AD7765
INTERFACE LOGIC AND
OFFSET AND GAIN
CORRECTION REGISTERS
Figure 1.
The differential input is sampled at up to 40 MSPS by an analog
modulator. The modulator output is processed by a series of
low-pass filters. The external clock frequency applied to the
AD7765 determines the sample rate, filter corner frequencies,
and output word rate.
The AD7765 device boasts a full band on-board FIR filter. The
full stop-band attenuation of the filter is achieved at the Nyquist
frequency. This feature offers increased protection from signals
that lie above the Nyquist frequency being aliased back into the
input signal bandwidth.
The reference voltage supplied to the AD7765 determines the
input range. With a 4 V reference, the analog input range is
±3.2768 V differential, biased around a common mode of
2.048 V. This common-mode biasing can be achieved using
the on-chip differential amplifier, further reducing the external
signal conditioning requirements.
The AD7765 is available in a 28-lead TSSOP package and is
specified over the industrial temperature range of −40°C
to +85°C.
Table 1. Related Devices
Part No.
Description
AD7760
2.5 MSPS, 100 dB, parallel output, on-chip buffers
AD7762
625 kSPS, 109 dB, parallel output, on-chip buffers
AD7763
625 kSPS, 109 dB, serial output, on-chip buffers
AD7764
312 kSPS, 109 dB, serial output, on-chip buffers
AD7766
128/64/32 kSPS, 8.5 mW, 109 dB SNR
AD7767
128/64/32 kSPS, 8.5 mW, 109 dB SNR


Similar Part No. - AD7765

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7765 AD-AD7765 Datasheet
330Kb / 21P
24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
AD7765 AD-AD7765 Datasheet
1Mb / 32P
24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
6/07-Revision 0
AD7765 AD-AD7765 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7765 AD-AD7765 Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
AD7765BRUZ AD-AD7765BRUZ Datasheet
330Kb / 21P
24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
More results

Similar Description - AD7765

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7764 AD-AD7764 Datasheet
330Kb / 21P
24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
AD7765 AD-AD7765 Datasheet
330Kb / 21P
24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
6/07-Revision 0
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
6/07-Revision 0
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
1bit Delta-Sigma Stereo ADC
logo
Analog Devices
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
IMPLEMENTATION OF SIGMA-DELTA ADC
Rev. 1.0
logo
Analog Devices
AD7760 AD-AD7760_17 Datasheet
851Kb / 37P
Sigma-Delta ADC with On-Chip Buffer
23-Feb-2017
AD7762 AD-AD7762_17 Datasheet
619Kb / 29P
Sigma-Delta ADC With On-Chip Buffer
23-Feb-2017
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
Sigma-Delta ADC with On-Chip Buffers, Serial Interface
1/14-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com