Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7765 Datasheet HTML 3Page - Analog Devices AD7765 Datasheet HTML 4Page - Analog Devices AD7765 Datasheet HTML 5Page - Analog Devices AD7765 Datasheet HTML 6Page - Analog Devices AD7765 Datasheet HTML 7Page - Analog Devices AD7765 Datasheet HTML 8Page - Analog Devices AD7765 Datasheet HTML 9Page - Analog Devices AD7765 Datasheet HTML 10Page - Analog Devices AD7765 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AD7765
Rev. A | Page 6 of 32
TIMING SPECIFICATIONS
AVDD1 = DVDD = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF+ = 4.096 V, TA = 25°C, CLOAD = 25 pF.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
fMCLK
500
kHz min
Applied master clock frequency
40
MHz max
fICLK
250
kHz min
Internal modulator clock derived from MCLK
20
MHz max
t1
1 × tICLK
typ
SCO high period
t2
1 × tICLK
typ
SCO low period
t3
1
ns typ
SCO rising edge to FSO falling edge
t4
2
ns typ
Data access time, FSO falling edge to data active
t5
8
ns max
MSB data access time, SDO active to SDO valid
t6
40
ns min
Data hold time (SDO valid to SCO rising edge)
t7
9.5
ns max
Data access time (SCO rising edge to SDO valid)
t8
2
ns typ
SCO rising edge to FSO rising edge
t9
32 × tSCO
max
FSO low period
t10
12
ns min
Setup time from FSI falling edge to SCO falling edge
t11
1 × tSCO
min
FSI low period
t121
32 × tSCO
max
FSI low period
t13
12
ns min
SDI setup time for the first data bit
t14
12
ns min
SDI setup time
t15
0
ns max
SDI hold time
tR MIN
1 × tMCLK
min
Minimum time for a valid RESET pulse
tR HOLD
5
ns min
Minimum time between the MCLK rising edge and RESET rising edge
tR SETUP
5
ns min
Minimum time between the RESET rising edge and MCLK rising edge
tS MIN
4 × tMCLK
min
Minimum time for a valid SYNC pulse
tS HOLD
5
ns min
Minimum time between the MCLK falling edge and SYNC rising edge
tS SETUP
5
ns min
Minimum time between the SYNC rising edge and MCLK falling edge
1
This is the maximum time FSI can be held low when writing to an individual device (a device that is not daisy-chained).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com