Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7765 Datasheet HTML 14Page - Analog Devices AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices AD7765 Datasheet HTML 18Page - Analog Devices AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices AD7765 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AD7765
Rev. A | Page 17 of 32
AD7765 INPUT STRUCTURE
The AD7765 requires a 4.096 V input to the reference pin VREF+,
supplied by a high precision reference, such as the ADR444.
Because the input to the device’s Σ-Δ modulator is fully differ-
ential, the effective differential reference range is 8.192 V.
V
192
.
8
096
.
4
2
)
(
=
×
=
+ Diff
REF
V
As is inherent in Σ-Δ modulators, only a certain portion of this
full reference may be used. In the case of the AD7765, 80% of
the full differential reference can be applied to the modulator’s
differential inputs.
V
5536
.
6
8
.
0
V
192
.
8
_
=
×
=
FULLSCALE
Input
Modulator
This means that a maximum of ±3.2768 V p-p can be applied to
each of the AD7765 modulator inputs (Pin 5 and Pin 6), with
the AD7765 being specified with an input −0.5 dB down from
full scale (−0.5 dBFS). The AD7765 modulator inputs must
have a common-mode input of 2.048 V.
Figure 28 shows the relative scaling between the differential
voltages applied to the modulator pins and the respective 24-bit
twos complement digital outputs.
INPUT TO MODULATOR
PIN 5 AND PIN 6
VIN– AND VIN+
VIN+ = 3.6855V
0111 1111 1111 1111 1111 1111
0000 0000 0000 0000 0000 0000
+3.2768V = MODULATOR FULL-SCALE = 80% OF 4.096V
80% OF 4.096V = MODULATOR FULL-SCALE = –3.2768V
+4.096V
–4.096V
VIN– = 0.4105V
VIN+ = 2.048V
VIN– = 2.048V
VIN– = 3.6855V
VIN+ = 0.4105V
1000 0000 0000 0000 0000 0000
0111 1000 1101 0110 1111 1101
1000 0111 0010 1001 0000 0010
–0.5dBFS INPUT
–0.5dBFS INPUT
OVERRANGE REGION
OVERRANGE REGION
DIGITAL OUTPUT
ON SDO PIN
0000 0000 0000 0000 0000 0001
1111 1111 1111 1111 1111 1111
TWOS COMPLEMENT
DIGITAL OUTPUT
INPUT VOLTAGE (V)
Figure 28. AD7765 Scaling; Modulator Input Voltage vs. Digital Output Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com