Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7765 Datasheet HTML 24Page - Analog Devices AD7765 Datasheet HTML 25Page - Analog Devices AD7765 Datasheet HTML 26Page - Analog Devices AD7765 Datasheet HTML 27Page - Analog Devices AD7765 Datasheet HTML 28Page - Analog Devices AD7765 Datasheet HTML 29Page - Analog Devices AD7765 Datasheet HTML 30Page - Analog Devices AD7765 Datasheet HTML 31Page - Analog Devices AD7765 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AD7765
Rev. A | Page 27 of 32
USING THE AD7765
The following is the recommended sequence for powering up
and using the AD7765:
1. Apply power to the device.
2. Apply the MCLK signal.
3. Take RESET low for a minimum of one MCLK cycle,
preferably synchronous to the falling MCLK edge. If
multiple parts are to be synchronized, apply a common
4. Wait a minimum of two MCLK cycles after
RESET to all devices.
RESET
5. If multiple parts are being synchronized, a
has
been released.
SYNC pulse
must be applied to the parts, preferably synchronous with
the MCLK rising edge. In the case where devices are not
being synchronized, no SYNC pulse is required; a logic
high signal should simply be applied to the SYNC
When applying the
pin.
SYNC
•
The issue of a
pulse,
SYNC
•
Ensure that the
pulse to the device must not
coincide with a write to the device.
SYNC
Data can then be read from the device using the default gain
and overrange threshold values. The conversion data read is not
valid, however, until the settling time of the filter has elapsed.
Once this has occurred, the FILTER-SETTLE status bit is set,
indicating that the data is valid.
Values for gain and overrange thresholds can be written to or
read from the respective registers at this stage.
pulse is taken low for a
minimum of four MCLK periods.
BIAS RESISTOR SELECTION
The AD7765 requires a resistor to be connected between the
RBIAS and AGNDx pins. The resistor value should be selected to
give a current of 25 µA through the resistor to ground. For a
4.096 V reference voltage, the correct resistor value is 160 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com