Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7765 Datasheet HTML 10Page - Analog Devices AD7765 Datasheet HTML 11Page - Analog Devices AD7765 Datasheet HTML 12Page - Analog Devices AD7765 Datasheet HTML 13Page - Analog Devices AD7765 Datasheet HTML 14Page - Analog Devices AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices AD7765 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AD7765
Rev. A | Page 13 of 32
0.00300
–0.00300
–0.00225
–0.00150
–0.00075
0
0.00075
0.00150
0.00225
6k
55k 59,535
10k
15k
20k
25k
30k
35k
40k
45k
50k
16-BIT CODE SCALING
–40°C
+25°C
+85°C
Figure 18. Normal Power Mode INL
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
78,124
60k
40k
20k
FREQUENCY (Hz)
Figure 19. Normal Power Mode; IMD, fIN A = 49.7 kHz, fIN B = 50.3 kHz,
50 kHz Center Frequency, 128× Decimation Rate
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
6k
55k 59,535
10k
15k
20k
25k
30k
35k
40k
45k
50k
CODE
Figure 20. DNL Plot
6k
55k 59,535
10k
15k
20k
25k
30k
35k
40k
45k
50k
16-BIT CODE SCALING
–40°C
+25°C
+85°C
0.003225
0.003000
0.002250
0.001500
0.000075
0
–0.000120
Figure 21. Low Power Mode INL
110
109
108
107
106
105
104
103
102
0
64
128
192
256
LOW SNR
DECIMATION RATE
NORMAL SNR
Figure 22. Normal and Low Power Mode; SNR vs. Decimation Rate,
1 kHz, −0.5 dB Input Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com