Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7765 Datasheet HTML 25Page - Analog Devices AD7765 Datasheet HTML 26Page - Analog Devices AD7765 Datasheet HTML 27Page - Analog Devices AD7765 Datasheet HTML 28Page - Analog Devices AD7765 Datasheet HTML 29Page - Analog Devices AD7765 Datasheet HTML 30Page - Analog Devices AD7765 Datasheet HTML 31Page - Analog Devices AD7765 Datasheet HTML 32Page - Analog Devices AD7765 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AD7765
Rev. A | Page 28 of 32
AD7765 REGISTERS
The AD7765 has a number of user-programmable registers. The control register is used to set the functionality of the on-chip buffer and
differential amplifier and provides an option to power down the AD7765. There are also digital gain and overrange threshold registers.
Writing to these registers involves writing the register address followed by a 16-bit data word. The register addresses, details of individual
bits, and default values are provided in this section.
CONTROL REGISTER
Table 13. Control Register (Address 0x0001, Default Value 0x0000)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
RD
OVR
RD
GAIN
0
RD
STAT
0
SYNC
0
BYPASS
REF
0
0
0
PWR
DOWN
LPWR
REF BUF
OFF
AMP
OFF
Table 14. Bit Descriptions of the Control Register
Bit
Mnemonic
Comment
14
RD OVR1, 2
Read overrange. If this bit is set, the next read operation outputs the contents of the overrange threshold register
instead of a conversion result.
13
RD GAIN
Read gain. If this bit is set, the next read operation outputs the contents of the digital gain register.
11
RD STAT
Read status. If this bit is set, the next read operation outputs the contents of the status register.
9
SYNC
Synchronize. Setting this bit initiates an internal synchronization routine. Setting this bit simultaneously on multiple
devices synchronizes all filters.
7
BYPASS REF
Bypass reference. Setting this bit bypasses the reference buffer if the buffer is off.
3
PWR DOWN
Power-down. A logic high powers the device down without resetting. Writing a 0 to this bit powers the device back up.
2
LPWR
Low power mode. Set to Logic 1 when AD7765 is in low power mode.
1
REF BUF OFF
Reference buffer off. Asserting this bit powers down the reference buffer.
0
AMP OFF
Amplifier off. Asserting this bit switches the differential amplifier off.
1
Bit 14 to Bit 11 and Bit 9 are self-clearing bits.
2
Only one of the bits can be set in any write operation because it determines the contents of the next read operation.
STATUS REGISTER
Table 15. Status Register (Read Only)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
PARTNO
1
0
0
0
FILTER-
SETTLE
0
OVR
0
1
0
REF BUF
ON
AMP
ON
LPWR
DEC 1
DEC 0
Table 16. Bit Descriptions of the Status Register
Bit
Mnemonic
Comment
15
PARTNO
Part number. This bit is set to 1 for the AD7765.
10
FILTER-
SETTLE
Filter settling bit. This bit corresponds to the FILTER-SETTLE bit in the status word output in the second 16-bit read
operation. It indicates when data is valid.
9
0
Zero. This bit is set to Logic 0.
8
OVR
Overrange. If the current analog input exceeds the current overrange threshold, this bit is set.
4
REF BUF ON
Reference buffer on. This bit is set when the reference buffer is in use.
3
AMP ON
Amplifier on. This bit is set when the input amplifier is in use.
2
LPWR
Low power mode. This bit is set when operating in low power mode.
1 to 0
DEC[1:0]
Decimation rate. These bits correspond to the decimation rate in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com