Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 4 Page - Microchip Technology

  PIC16C781 Datasheet HTML 1Page - Microchip Technology PIC16C781 Datasheet HTML 2Page - Microchip Technology PIC16C781 Datasheet HTML 3Page - Microchip Technology PIC16C781 Datasheet HTML 4Page - Microchip Technology PIC16C781 Datasheet HTML 5Page - Microchip Technology PIC16C781 Datasheet HTML 6Page - Microchip Technology PIC16C781 Datasheet HTML 7Page - Microchip Technology PIC16C781 Datasheet HTML 8Page - Microchip Technology PIC16C781 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 186 page
background image
PIC16C781/782
DS41171A-page 2
Preliminary
 2001 Microchip Technology Inc.
Peripheral Features (Continued):
• Dual Analog Comparator module with:
- Individual enable and interrupt bits
- Programmable speed and output polarity
- Fully configurable inputs and outputs
- Reference from DAC, or VREF1/VREF2
- Low input offset voltage.
• VR voltage reference module:
- 3.072V +/- 0.7% @25
°C, AVDD = 5V
- Configurable output to ADC reference, DAC
reference, and VR pin
- 5 mA sink/source
• Programmable Switch Mode Controller module:
- PWM and PSM modes
- Programmable switching frequency
- Configurable for either single or dual
feedback inputs
- Configurable single or dual outputs
- Slope compensation output available in
single output mode
Key Features
PICmicro™ Mid-Range
Reference Manual
(DS33023)
PIC16C781
PIC16C782
Operating Frequency
DC - 20 MHz
DC - 20 MHZ
RESETS (and Delays)
POR, BOR, MCLR, WDT (PWRT, OST) POR, BOR, MCLR, WDT (PWRT, OST)
Program Memory (14 bit words)
1K
2K
Data Memory (bytes)
128
128
Interrupts
8
8
I/O Ports
13 + 3 Input only
13 + 3 Input only
Timers
2
2
Programmable Switch Mode Controller
1
1
8-bit Analog-to-Digital Module
1
1
ADC channels
8 External, 2 Internal
8 External, 2 Internal
8-bit Digital-to-Analog Module
1
1
Comparators
2
2
Comparator Channels
4 (AN<7:4>)
4 (AN<7:4>)
Operational Amplifier
1
1
Voltage Reference
1
1
Brown-out Reset
Yes
Yes
Programmable Low Voltage Detect
Yes
Yes
Instruction Set
35 Instructions
35 Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com