Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 54Page - Microchip Technology PIC16C781 Datasheet HTML 55Page - Microchip Technology PIC16C781 Datasheet HTML 56Page - Microchip Technology PIC16C781 Datasheet HTML 57Page - Microchip Technology PIC16C781 Datasheet HTML 58Page - Microchip Technology PIC16C781 Datasheet HTML 59Page - Microchip Technology PIC16C781 Datasheet HTML 60Page - Microchip Technology PIC16C781 Datasheet HTML 61Page - Microchip Technology PIC16C781 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 186 page
background image
PIC16C781/782
DS41171A-page 56
Preliminary
 2001 Microchip Technology Inc.
6.2
Control Register T1CON
Control and configuration of Timer1 is by means of the
T1CON register shown in Register 6-1.
Timer1 is enabled by setting the TMR1ON bit
(T1CON<0>). Clearing TMR1ON stops the timer, but
does not clear the Timer1 register.
The TMR1CS bit (T1CON<1>) determines the Timer
mode. When TMR1CS is set, the timer is configured as
a counter and receives its clock from RA6/OSC2/
CLKOUT/T1CKI. When cleared, the timer is configured
as a timer and its clock is derived from FOSC/4.
The T1SYNC bit (T1CON<2>) determines Timer1’s syn-
chronization. If cleared, the timer clock is synchronized
to the system clock. If set, the timer is asynchronous.
The Timer1 clock gate function is enabled by setting
the TMR1GE bit (T1CON<6>). When TMR1GE is set,
the T1G input will control the clock input to the timer/
counter. A low on the T1G input will cause Timer1 to
increment at the clock rate, a high will hold the timer at
its present value.
The T1OSCEN bit (T1CON<3>) enables the LP oscil-
lator as a clock source for Timer1. This mode is a
replacement for the regular external oscillator.
T1CKPS<1:0> determines the prescaler value for the
timer. Available prescaler values are:
T1CKPS<1:0>
Prescaler Value
Bit 1
Bit 0
11
1:8
10
1:4
01
1:2
00
1:1
Note:
To use the LP oscillator as the Timer1
oscillator:
1. TMR1CS must be set.
2. T1OSCEN must be set.
3. The Configuration Word must select
INTRC w/o CLKOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com