Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 91Page - Microchip Technology PIC16C781 Datasheet HTML 92Page - Microchip Technology PIC16C781 Datasheet HTML 93Page - Microchip Technology PIC16C781 Datasheet HTML 94Page - Microchip Technology PIC16C781 Datasheet HTML 95Page - Microchip Technology PIC16C781 Datasheet HTML 96Page - Microchip Technology PIC16C781 Datasheet HTML 97Page - Microchip Technology PIC16C781 Datasheet HTML 98Page - Microchip Technology PIC16C781 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 186 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41171A-page 93
PIC16C781/782
REGISTER 12-2:
COMPARATOR C2 CONTROL REGISTER0 (CM2CON0: 11Ah)
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
C2ON
C2OUT
C2OE
C2POL
C2SP
C2R
C2CH1
C2CH0
bit 7
bit 0
bit 7
C2ON: Comparator C2 Enable bit
1
= C2 Comparator is enabled
0
= C2 Comparator is disabled
bit 6
C2OUT: Comparator C2 Output bit
If C2POL = 1 (inverted polarity):
C2OUT = 1, C2VP < C2VN
C2OUT = 0, C2VP > C2VN
If C2POL = 0 (non-inverted polarity):
C2OUT = 1, C2VP > C2VN
C2OUT = 0, C2VP < C2VN
bit 5
C2OE: Comparator C2 Output Enable bit
1
= C2OUT is present on RB7/C2/PSMC1B/T1G(1)
0
= C2OUT is internal only
bit 4
C2POL: Comparator C2 Output Polarity Select bit
1
= C2OUT logic is inverted
0
= C2OUT logic is not inverted
bit 3
C2SP: Comparator C2 Speed Select bit
1
= C2 operates in normal speed mode
0
= C2 operates in low power, slow speed mode.
bit 2
C2R: Comparator C2 Reference Select bits (non-inverting input)
1
= C2VP connects to VDAC
0
= C2VP connects to VREF2
bit 1-0
C2CH<1:0>: Comparator C2 Channel Select bits
00
= C2VN of C2 connects to AN4
01
= C2VN of C2 connects to AN5
10
= C2VN of C2 connects to AN6
11
= C2VN of C2 connects to AN7
Note 1: C2OUT will only drive RB7/C2/PSMC1B/T1G if:
(C2OE = 1) & (C2ON = 1) & (TRISB<7> = 0) & ((SMCON = 0) or
((SMCOM = 0) & (SCEN = 0))).
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com