Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 16Page - Microchip Technology PIC16C781 Datasheet HTML 17Page - Microchip Technology PIC16C781 Datasheet HTML 18Page - Microchip Technology PIC16C781 Datasheet HTML 19Page - Microchip Technology PIC16C781 Datasheet HTML 20Page - Microchip Technology PIC16C781 Datasheet HTML 21Page - Microchip Technology PIC16C781 Datasheet HTML 22Page - Microchip Technology PIC16C781 Datasheet HTML 23Page - Microchip Technology PIC16C781 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 186 page
background image
PIC16C781/782
DS41171A-page 18
Preliminary
 2001 Microchip Technology Inc.
2.4
OPTION_REG Register
The OPTION_REG register is a readable and writable
register which contains various control bits to configure:
• TMR0 prescaler/WDT postscaler (single assign-
able register known also as the prescaler)
• External INT interrupt
• TMR0
• Weak pull-ups on PORTB
REGISTER 2-2:
OPTION REGISTER (OPTION_REG: 81h, 181h)
Note:
To achieve a 1:1 prescaler assignment for
the TMR0 register, assign the prescaler to
the Watchdog Timer.
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
bit7
bit0
bit 7
RBPU: PORTB Pull-up Enable bit(1)
1
= PORTB weak pull-ups are disabled
0
= PORTB weak pull-ups are enabled by the WPUB register
bit 6
INTEDG: Interrupt Edge Select bit
1
= Interrupt on rising edge of RB0/INT pin
0
= Interrupt on falling edge of RB0/INT pin
bit 5
T0CS: TMR0 Clock Source Select bit
1
= Transition on RA4/T0CKI pin
0
= Internal instruction cycle clock (FOSC/4)
bit 4
T0SE: TMR0 Source Edge Select bit
1
= Increment on high-to-low transition on RA4/T0CKI pin
0
= Increment on low-to-high transition on RA4/T0CKI pin
bit 3
PSA: Prescaler Assignment bit
1
= Prescaler is assigned to the WDT
0
= Prescaler is assigned to the Timer0 module
bit 2-0
PS<2:0>: Prescaler Rate Select bits
Note 1: Individual weak pull-ups on RB pins can be enabled/disabled from the weak pull-up
PORTB register (WPUB).
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
Bit Value
TMR0 Rate
WDT Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com