Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 69Page - Microchip Technology PIC16C781 Datasheet HTML 70Page - Microchip Technology PIC16C781 Datasheet HTML 71Page - Microchip Technology PIC16C781 Datasheet HTML 72Page - Microchip Technology PIC16C781 Datasheet HTML 73Page - Microchip Technology PIC16C781 Datasheet HTML 74Page - Microchip Technology PIC16C781 Datasheet HTML 75Page - Microchip Technology PIC16C781 Datasheet HTML 76Page - Microchip Technology PIC16C781 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 186 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41171A-page 71
PIC16C781/782
9.1.2
ADCON1 REGISTER
The ADCON1 register, shown in Register 9-3, controls
the reference voltage selection for the ADC module.
Bits
VCFG<1:0>
select
the
reference
voltage
(ADCREF).
9.1.3
ADRES REGISTER
The ADRES register, shown in Register 9-2, contains
the 8-bit result of the conversion. At the completion of
the ADC conversion:
• 8-bit result is loaded into ADRES.
• GO/DONE bit (ADOCN0<2>) is cleared.
• ADC interrupt flag bit ADIF (INTCON<6> and
PIR1<6>) are set.
• If the ADC interrupt is enabled, an interrupt is also
generated.
REGISTER 9-2:
ADC RESULT REGISTER (ADRES: 1Eh)
REGISTER 9-3:
ADC CONTROL REGISTER 1 (ADCON1: 9Fh)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
bit 7
bit 0
bit 7-0
AD<7:0>: ADC Conversion Results bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
U-0
U-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
—
—
VCFG1
VCFG0
—
—
—
—
bit 7
bit 0
bit 7-6
Unimplemented: Read as ’0’
bit 5-4
VCFG<1:0>: Voltage Reference Configuration bits
00
= AVDD
01
= VREF1
10
= VR
11
= VDAC
bit 3-0
Unimplemented: Read as ’0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com