Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 13Page - Microchip Technology PIC16C781 Datasheet HTML 14Page - Microchip Technology PIC16C781 Datasheet HTML 15Page - Microchip Technology PIC16C781 Datasheet HTML 16Page - Microchip Technology PIC16C781 Datasheet HTML 17Page - Microchip Technology PIC16C781 Datasheet HTML 18Page - Microchip Technology PIC16C781 Datasheet HTML 19Page - Microchip Technology PIC16C781 Datasheet HTML 20Page - Microchip Technology PIC16C781 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 186 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41171A-page 15
PIC16C781/782
Bank 2
100h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
23
101h
TMR0
Timer0 Module’s Register
xxxx xxxx
51
102h(2)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
23
103h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
17
104h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
23
105h
—
Unimplemented
—
—
106h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx 0000
35
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah(1,2) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
23
10Bh(2)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
19
10Ch
PMDATL
PMD7
PMD6
PMD5
PMD4
PMD3
PMD2
PMD1
PMD0
0000 0000
48
10Dh
PMADRL
PMA7
PMA6
PMA5
PMA4
PMA3
PMA2
PMA1
PMA0
xxxx xxxx
48
10Eh
PMDATH
—
—
PMD13
PMD12
PMD11
PMD10
PMD9
PMD8
--00 0000
47
10Fh
PMADRH
—
—
—
Reserved
Reserved
PMA10
PMA9
PMA8
---x xxxx
48
110h
CALCON
CAL
CALERR
CALREF
—
—
—
—
—
000- ----
85
111h
PSMCCON0
SMCCL1
SMCCL0
MINDC1
MINDC0
MAXDC1
MAXDC0
DC1
DC0
0000 0000
104
112h
PSMCCON1
SMCON
S1APOL
S1BPOL
—
SCEN
SMCOM
PWM/PSM
SMCCS
000- 0000
104
113h
—
Unimplemented
—
—
114h
—
Unimplemented
—
—
115h
—
Unimplemented
—
—
116h
—
Unimplemented
—
—
117h
—
Unimplemented
—
—
118h
—
Unimplemented
—
—
119h
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1SP
C1R
C1CH1
C1CH0
0000 0000
91
11Ah
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2SP
C2R
C2CH1
C2CH0
0000 0000
93
11Bh
CM2CON1
MC1OUT MC2OUT
—
—
—
—
—
C2SYNC
00-- ---0
94
11Ch
OPACON
OPAON
CMPEN
—
—
—
—
—
GBWP
00-- ---0
84
11Dh
—
Unimplemented
—
—
11Eh
DAC
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
0000 0000
79
11Fh
DACON0
DAON
DAOE
—
—
—
—
DARS1
DARS0
00-- --00
79
TABLE 2-1:
PIC16C781/782 SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Details on
Page:
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose contents are trans-
ferred to the upper byte of the program counter. See Section 2.9 for more detail.
2:
These registers can be addressed from any bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com