Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 85Page - Microchip Technology PIC16C781 Datasheet HTML 86Page - Microchip Technology PIC16C781 Datasheet HTML 87Page - Microchip Technology PIC16C781 Datasheet HTML 88Page - Microchip Technology PIC16C781 Datasheet HTML 89Page - Microchip Technology PIC16C781 Datasheet HTML 90Page - Microchip Technology PIC16C781 Datasheet HTML 91Page - Microchip Technology PIC16C781 Datasheet HTML 92Page - Microchip Technology PIC16C781 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 186 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41171A-page 87
PIC16C781/782
TABLE 11-1:
REGISTERS ASSOCIATED WITH THE OPA MODULE
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4 Bit 3 Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
RESETS
11Ch
OPACON
OPAON
CMPEN
—
—
—
—
—
GBWP 00-- ---0 00-- ---0
110h
CALCON
CAL
CALERR CALREF
—
—
—
—
—
000- ---- 000- ----
9Dh
ANSEL
AN7
AN6
AN5
AN4
AN3 AN2
AN1
AN0
1111 1111 1111 1111
86h
TRISB
PORTB Data Direction Register
1111 1111 1111 1111
85h
TRISA
PORTA Data Direction Register
1111 1111 1111 1111
11Eh
DAC
DA7
DA6
DA5
DA4
DA3 DA1
DA1
DA0
0000 0000 0000 0000
11Fh
DACON0
DAON
DAOE
—
—
—
—
DARS1 DARS0 00-- --00 00-- --00
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used for the OPA module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com