Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 64Page - Microchip Technology PIC16C781 Datasheet HTML 65Page - Microchip Technology PIC16C781 Datasheet HTML 66Page - Microchip Technology PIC16C781 Datasheet HTML 67Page - Microchip Technology PIC16C781 Datasheet HTML 68Page - Microchip Technology PIC16C781 Datasheet HTML 69Page - Microchip Technology PIC16C781 Datasheet HTML 70Page - Microchip Technology PIC16C781 Datasheet HTML 71Page - Microchip Technology PIC16C781 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 186 page
background image
PIC16C781/782
DS41171A-page 66
Preliminary
 2001 Microchip Technology Inc.
REGISTER 8-1:
PROGRAMMABLE LOW VOLTAGE DETECT REGISTER (LVDCON: 9Ch)
U-0
U-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
—
—
BGST
LVDEN
LV3
LV2
LV1
LV0
bit 7
bit 0
bit 7-6
Unimplemented: Read as '0'
bit 5
BGST: Internal Reference Voltage Stable Flag bit
1
= Reference is stable
0
= Reference is not stable
bit 4
LVDEN: Low Voltage Detect Power Enable bit
1
= Enables PLVD, powers up LVD circuit
0
= Disables PLVD, powers down LVD circuit.
bit 3-0
LV<3:0>: Low Voltage Detection Limit bits
1111
= Reserved
1110
= 4.5V typical
1101
= 4.2V typical
1100
= 4.0V typical
1011
= 3.8V typical
1010
= 3.6V typical
1001
= 3.5V typical
1000
= 3.3V typical
0111
= 3.0V typical
0110
= 2.8V typical
0101
= 2.7V typical
0100
= 2.5V typical
0011
= Below valid operating voltage
0010
= Below valid operating voltage
0001
= Below valid operating voltage
0000
= Below valid operating voltage
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com