Electronic Components Datasheet Search
  English  ▼

X  

PIC16C781 Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16C781
Description  8-Bit CMOS Microcontrollers with A/D, D/A, OPAMP, Comparators and PSMC
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C781 Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16C781 Datasheet HTML 67Page - Microchip Technology PIC16C781 Datasheet HTML 68Page - Microchip Technology PIC16C781 Datasheet HTML 69Page - Microchip Technology PIC16C781 Datasheet HTML 70Page - Microchip Technology PIC16C781 Datasheet HTML 71Page - Microchip Technology PIC16C781 Datasheet HTML 72Page - Microchip Technology PIC16C781 Datasheet HTML 73Page - Microchip Technology PIC16C781 Datasheet HTML 74Page - Microchip Technology PIC16C781 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 186 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41171A-page 69
PIC16C781/782
9.0
ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The 8-bit ADC module, shown in Figure 9-1, has 10
inputs in the PIC16C781/782:
• 8 external channels, AN<7:0> (RA<3:0> and
RB<3:0>)
• 2 internal channels, VR and VDAC
The ADC allows conversion of an analog input signal to
a corresponding 8-bit digital value. The desired chan-
nel is connected to a Sample-and-Hold by the input
multiplexers. The output of the Sample-and-Hold cap-
tures a snapshot of the voltage and holds it for the
ADC. The ADC then generates the 8-bit result via suc-
cessive approximation.
The analog reference voltage (ADCREF) is software
selectable from the following options:
• The analog positive supply: AVDD
• The reference input for Comparator C1: VREF1
• The Voltage Reference module output: VR
• The DAC Converter module output: VDAC
The ADC has the unique feature of being able to oper-
ate while the device is in SLEEP mode. To operate in
SLEEP, the ADC conversion clock must be derived
from the ADC’s dedicated internal RC oscillator.
FIGURE 9-1:
ADC MODULE BLOCK DIAGRAM
RA0/AN0/OPA+
RA1/AN1/OPA-
RA2/AN2/VREF2
RB0/INT/AN4/VR
RB1/AN5/VDAC
RB2/AN6
RB3/AN7/OPA
RA3/AN3/VREF1
0
1
2
3
4
5
6
7
0
1
2
AVDD
VREF1
VR
ADCREF
ADC
3
VDAC
VCFG<1:0>
ADON
GO/DONE
8
8
9
Sample
and
Hold
VOLTAGE COMPARATOR MODULE
OPA MODULE
4
DAC MODULE
VR MODULE
CHS<3:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com