Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 14Page - National Semiconductor (TI) CS4103 Datasheet HTML 15Page - National Semiconductor (TI) CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) CS4103 Datasheet HTML 19Page - National Semiconductor (TI) CS4103 Datasheet HTML 20Page - National Semiconductor (TI) CS4103 Datasheet HTML 21Page - National Semiconductor (TI) CS4103 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
www.national.com
18
Revision 1.0
Register Descriptions (Continued)
3.5
VENDOR SPECIFIC: PAGE 7, PORTS[0:2]
The Vendor Specific page is reserved for vendor use. It
may contain per-port registers but this implementation
does not require port selection to access user defined reg-
isters. The Vendor Specific page is accessible by setting
the Page_select field in the Base register at Address 07h to
0111b.
Table 3-10. Vendor Specific: Page 7 Bit Map
Address
01234
567
08h-0Eh
RSVD
0Fh
RSVD
PD[0]
PD[1]
RSVD
Table 3-11. Vendor Specific: Page 7 Registers
Bits
Name
Access
Reset
Description
Addresses 08h-0Eh
Page 7, Port[n], Register-0 through Register-6
0:7
RSVD
RW
00h
Reserved: Do not set bits in these fields. Setting bits in these fields may
cause noncompliant or unspecified behavior.
Addresses 0Fh
Page 7, Port[n], Register-7
0:2
RSVD
RW
00h
Reserved: Do not set bits in these fields. Setting bits in these fields may
cause noncompliant or unspecified behavior.
3:4
PD[1:0]
RW
00
Power Down Mode: The CS4103 will transition to a low power state defined
by these bits when the PHY-Link interface is disabled and the PHY ports are
in the disabled, disconnected or suspended state.
00 = No Power Down.
01 = Stop PLL and 50 MHz clock.
10 = Stop 50 MHz clock.
11 = Stop Crystal, PLL, and 50 MHz clock.
5:7
RSVD
RW
00h
Reserved: Do not set bits in these fields. Setting bits in these fields may
cause noncompliant or unspecified behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com