Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 12Page - National Semiconductor (TI) CS4103 Datasheet HTML 13Page - National Semiconductor (TI) CS4103 Datasheet HTML 14Page - National Semiconductor (TI) CS4103 Datasheet HTML 15Page - National Semiconductor (TI) CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) CS4103 Datasheet HTML 19Page - National Semiconductor (TI) CS4103 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.national.com
16
Revision 1.0
Register Descriptions (Continued)
3.3
PORT STATUS: PAGE 0, PORTS[0:2]
The Port Status page is accessed by setting the
Page_select field to 000b in the Base register at Address
07h. Status information is selected per-port within the Port
Status page by setting the Port_select field in the Base reg-
ister at Address 07h. Three sets of port status registers,
one per-port, are indexed by the Port_select field. Valid
Port_select values are 000b, 001b, and 010b.
Table 3-6. Port Status: Page 0 Bit Map
Address
01234
567
08h
AStat
BStat
Child
Connected
Bias
Disabled
09h
Negotiated_speed
Int_Enable
Fault
RSVD
0Ah-0Fh
RSVD
Table 3-7. Port Status: Page 0 Registers
Bit
Name
Access
Reset
Description
Address 08h
Page 0, Port[n], Register-0
0:1
AStat
R
Undef
TPA Status: TPA differential line state detected by the TPA arbitration com-
parators of the port specified by Port_select.
00 = Invalid
01 = 1
10 = 0
11 = Z
2:3
BStat
R
Undef
TPB Status: TPB differential line state detected by the TPB arbitration com-
parators of the port specified by Port_select.
00 = Invalid
01 = 1
10 = 0
11 = Z
4
Child
R
Undef
Child: When set, the port specified by Port_select is a child. If clear, the port
is a parent.
5
Connected
R
0
Connected: When set, the port specified by Port_select is connected.
6
Bias
R
Undef
Bias: When set, the port specified by Port_select detects TPBias from a
connected PHY.
7
Disabled
RW
0
Disable: When set, the port specified by Port_select is disabled.
Address 09h
Page 0, Port[n], Register-1
0:2
Negotiated_ speed
R
Undef
Negotiated Speed: The maximum negotiated speed between the port spec-
ified by Port_select and a connected port.
000 = 100 Mbits/sec
001 = 200 Mbits/sec
010 = 400 Mbits/sec
All other settings are reserved.
3
Int_Enable
RW
0
Interrupt Enable: When set, the port specified by Port_select, port event
interrupts are enabled. A change in connected, bias, disabled, or fault states
will set the Port_event bit.
4
Fault
RW
0
Fault: A Suspend or Resume operation error of the port specified by
Port_select will set this bit. Writing a one to the bit will clear it to zero.
5:7
RSVD
--
--
Reserved
Address 0Bh-0Fh
Page 0, Port[n], Register-2 through Register-7
0:7
RSVD
RW
00h
Reserved: Do not set bits in these fields. Setting bits in these fields may
cause noncompliant or unspecified behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com