Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) CS4103 Datasheet HTML 19Page - National Semiconductor (TI) CS4103 Datasheet HTML 20Page - National Semiconductor (TI) CS4103 Datasheet HTML 21Page - National Semiconductor (TI) CS4103 Datasheet HTML 22Page - National Semiconductor (TI) CS4103 Datasheet HTML 23Page - National Semiconductor (TI) CS4103 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Revision 1.0
23
www.national.com
Electrical Characteristics (Continued)
Figure 4-4. Typical Application
VDDA
GNDA
NC
VDDA
GNDA
R0
R1
VDDVCO
NC
GNDVCO
RSVD 1
VDDPLL
NC
GNDPLL
NC
XO
VDD
RESET#
XI
VSS
GNDA
NC
NC
NC
GNDA
VDDA
VDDIO
RSVD 0
NC
RSVD 1
RSVD 0
VSSIO
DIRECT
CPS
VDD
PC1
LNKON
PC0
PC2
VSS
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1394 Connector
1394 Connector
1394 Connector
AN_3.3V
DIG_3.3V
DIG_3.3V
DIG_3.3V
AN_3.3V
AN_3.3V
AN_3.3V
AN_3.3V
AN_3.3V
5.76k 1%
DIG_3.3V
DATA6
DATA5
DATA4
DATA3
DATA2
CTRL1
CTRL0
LREQ
DATA1
DATA0
SCLK
DATA7
LPS
LNKON
PHY-Link Interface
DIG_3.3V
Typical Schematic: Direct Mode
Analog Ground
Digital Ground
DIG_3.3V
AN_3.3V
Geode™
Power Class pins strapped
to indicate power class 100b.
DIG_3.3V
24.576 MHz +\-100ppm
is application dependent
see P1394a specification, Table 8-3
for additional details.
Diode and current limit
scheme is application
dependent.
See P1394a for
Power Class configuration
Current
Limit
Shield
Shield
Shield
Shield
additional details.
Cable
Power
CS4103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com