Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 11Page - National Semiconductor (TI) CS4103 Datasheet HTML 12Page - National Semiconductor (TI) CS4103 Datasheet HTML 13Page - National Semiconductor (TI) CS4103 Datasheet HTML 14Page - National Semiconductor (TI) CS4103 Datasheet HTML 15Page - National Semiconductor (TI) CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) CS4103 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Revision 1.0
15
www.national.com
Register Descriptions (Continued)
Address 04h
0
Link_active
R/W
1
Link Active: The logical AND of Link_active and LPS active sets the L bit of
the nodes self-ID packet.
1
Contender
R/W
0
Contender: Cleared or set by software to control the value of the C (Con-
tender) bit transmitted in self-ID packet zero.
2:4
Jitter
R
000
Jitter: The difference between the fastest and slowest repeater delay,
expressed as (jitter + 1) * 20ns.
5:7
Pwr_class
R/W
*
Power Class: Controls the value of the pwr field transmitted in the self_ID
packet. Upon reset, the value of the PC[0:2] strapping pins is loaded into this
field. This field may be subsequently written by software. Power Class is
application dependent (see P1394a specification, Table 8-3).
*Reset value is application dependent.
Address 05h
0
Resume_int
RW
0
Resume Interrupt Enable: When set to one, the CS4103 sets Port_event to
one if resume operations commence for any port.
1
ISBR
RW
0
Initiate short (arbitrated) Bus Reset: When set, an arbitrated short bus
reset will be issued by the CS4103. This bit is self-clearing.
2
Loop
RW
0
Loop Detect: Indicates a loop in the cable topology. A write of one to this bit
clears it to zero. A software clear of this bit will occur if a cable loop is
present.
3
Pwr_fail
RW
0
Cable Power Failure Detect: Set to one when the PS bit changes from one
to zero. A write of one to this bit clears it to zero.
4
Timeout
RW
0
Arbitration State Machine Timeout: A write of one to this bit clears it to
zero.
5
Port_event
RW
0
Port Event Detect: The CS4103 sets this bit to one if any of Connected,
Bias, Disabled or Fault change for a port whose Int_Enable bit is one. The
CS4103 also sets this bit to one if resume operations commence for any port
and Resume_int is one. A write of one to this bit clears it to zero.
6
Enab_accel
RW
0
Enable Arbitration Acceleration: When set, the CS4103 uses the
enhancements specified in clause 7.10. CS4103 behavior is unspecified if
the value of Enab_accel is changed while a bus request is pending.
7
Enab_multi
RW
0
Enable Multi-speed Packet Concatenation: When set, the link signals the
speed of all packets to the CS4103.
Address 06h
0:7
RSVD
--
--
Reserved
Address 07h
0:2
Page_select
RW
000
Page Select: Selects one of eight register pages of which only pages 0, 1,
and 7 are defined. The selected page is accessible at Addresses 08h
through 0Fh.
3RSVD
--
--
Reserved
4:7
Port_select
RW
0000
Port Select: Selects per port information of a register page. If a register
page has per port registers this field selects which port registers are accessi-
ble at Addresses 08h through 0Fh.
Table 3-5. Base Registers (Continued)
Bit
Name
Access
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com