Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 10Page - National Semiconductor (TI) CS4103 Datasheet HTML 11Page - National Semiconductor (TI) CS4103 Datasheet HTML 12Page - National Semiconductor (TI) CS4103 Datasheet HTML 13Page - National Semiconductor (TI) CS4103 Datasheet HTML 14Page - National Semiconductor (TI) CS4103 Datasheet HTML 15Page - National Semiconductor (TI) CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
www.national.com
14
Revision 1.0
Register Descriptions (Continued)
3.2
BASE REGISTER DESCRIPTIONS
Table 3-4 is a register map of the CS4103’s Base registers. Table 3-5 provides the bit formats for these registers.
Table 3-4. Base Register Bit Map
Address
01234
567
00h
Physical_ID
R
PS
01h
RHB
IBR
Gap_count
02h
Extended
RSVD
Total_ports
03h
Max_speed
RSVD
Delay
04h
Link_active
Contender
Jitter
Pwr_class
05h
Resume_int
ISBR
Loop
Pwr_fail
Timeout
Port_event
Enab_accel
Enab_multi
06h
RSVD
07h
Page_select
RSVD
Port_select
Table 3-5. Base Registers
Bit
Name
Access
Reset
Description
Address 00h
0:5
Physical_ID
R
Undef
Physical ID: The CS4103’s node address determined during self-identifica-
tion.
6
R
R
Undef
Root: Set when the node becomes root.
7
PS
R
Undef
Cable Power Active: This bit is set when cable power is detected above
7.5V. If cable power drops below 7.5V the PS bit will be cleared and the
Pwr_fail bit set.
Address 01h
0RHB
RW
0
Root Hold-off Bit: When set, the CS4103 will attempt to become root during
the next tree identify process which is subsequent to a bus reset.
1IBR
RW
0
Initiate Bus Reset: When set, a non-arbitrated long bus reset of 167 µs will
be issued by the CS4103. This bit is self clearing.
2:7
Gap_count
RW
3Fh
Gap Count: Arbitration gap times are tuned to minimize bus idle time with
this field. Gap times may be optimized for a specific bus configuration. Two
bus resets return gap_count to 3Fh.
Address 02h
0:2
Extended
R
111
Extended: A value of seven is assigned to this field indicating that the
extended PHY register map has been implemented.
3RSVD
--
--
Reserved
4:7
Total_ports
R
1100
Total Ports: This field shows the number of ports implemented by the
CS4103. The CS4103 utilizes three ports.
Address 03h
0:2
Max_speed
R
010
Maximum Speed: Indicates CS4103 operational speeds. A value of 010
indicates the CS4103 supports 98.304, 196.608, and 393.216Mbit/sec oper-
ation.
3RSVD
--
--
Reserved
4:7
Delay
R
0000
Delay: Worst-case repeater delay equals 144 + (delay * 20) ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com