Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 6Page - National Semiconductor (TI) CS4103 Datasheet HTML 7Page - National Semiconductor (TI) CS4103 Datasheet HTML 8Page - National Semiconductor (TI) CS4103 Datasheet HTML 9Page - National Semiconductor (TI) CS4103 Datasheet HTML 10Page - National Semiconductor (TI) CS4103 Datasheet HTML 11Page - National Semiconductor (TI) CS4103 Datasheet HTML 12Page - National Semiconductor (TI) CS4103 Datasheet HTML 13Page - National Semiconductor (TI) CS4103 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.national.com
10
Revision 1.0
Signal Definitions (Continued)
2.2.2
Transceiver/1394 Cable Connection Signals
Signal Name
Pin
Type
Description
TPB[0:2]–
42, 49,
55
I/O
Negative Differential Signals for Port 0-2 Cable Pair B
Differential signal skew should be minimized by matching trace lengths within
the TPA and TPB differential pairs. In addition, TPA pair trace lengths should be
matched as closely as possible to TPB pair trace lengths within a port. Imped-
ance discontinuities may be minimized by routing TP lines primarily on the top
layer of the PCB. TP signal traces should have an impedance of 55 ohms to
analog ground and the analog ground plane should be continuous under the
TP traces. Minimize stub length by placing termination networks as close to the
CS4103 as possible.
TPB[0:2]+
43, 50,
56
I/O
Positive Differential Signals for Port 0-2 Cable Pair B
Refer to TPB[0:2]– signal description.
TPA[0:2]–
44, 51,
57
I/O
Negative Differential Signals for Port 0-2 Cable Pair A
Refer to TPB[0:2]– signal description.
TPA[0:2]+
45, 52,
58
I/O
Positive Differential Signals for Port 0-2 Cable Pair A
Refer to TPB[0:2]– signal description.
TPBIAS[0:2]
46, 53,
59
I/O
Twisted Pair Bias for Port 0-2
Bias generator output and connection detect input for the ports. Increase the
PCB trace widths on this line.
CPS
27
I
Cable Power Status Input
This comparator input detects valid cable power at voltages greater than 7.5V
and sets the PS (cable power active) bit (Address 00h[7]) in the CS4103 base
register. Voltages below 7.5V clear the PS bit. This pin is connected to a 402K
1% resistor to cable power and an 80.6K 1% resistor to ground.
2.2.3
Clock/Crystal Connection and Reset Signals
Signal Name
Pin
Type
Description
XI
76
I
Xtal In
Clock or crystal input connection 24.576 MHz (+/-100 ppm).
XO
77
O
Xtal Out
24.576 MHz crystal connection. If a clock is connected to XI, XO is discon-
nected.
RESET#
78
I
Active Low Reset Input
This pin is connected to a 56K resistor to VDD and a 0.1 µF capacitor to ground
yielding a power-on reset of approximately 3 ms.
2.2.4
Power to/from Bus Signals
Signal Name
Pin
Type
Description
PC[0:2]
23, 24,
25
I
Power Class Indicator 0 (MSB) through 2 (LSB)
The PC[0:2] pins are strapped to indicate power consumed from or supplied to
the bus (see P1394a specification, Table 8-3). At power-on the PC pins are
read and the Pwr_class field (Address 04h[5:7]) is set. This value is transmitted
in the pwr field of Self-ID packet zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com