Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 15Page - National Semiconductor (TI) CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) CS4103 Datasheet HTML 19Page - National Semiconductor (TI) CS4103 Datasheet HTML 20Page - National Semiconductor (TI) CS4103 Datasheet HTML 21Page - National Semiconductor (TI) CS4103 Datasheet HTML 22Page - National Semiconductor (TI) CS4103 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Revision 1.0
19
www.national.com
4.0
Electrical Characteristics
This section provides information on absolute maximum
ratings, recommended operating conditions, and DC/AC
characteristics for the Geode CS4103.
4.1
ABSOLUTE MAXIMUM RATINGS
Table 4-1 lists the absolute maximum ratings for the
CS4103. Stresses beyond the listed ratings may cause
permanent damage to the device. Exposure to conditions
beyond these limits may (1) reduce device reliability and (2)
result in premature failure even when there is no immedi-
ately apparent sign of failure. Prolonged exposure to condi-
tions at or near the absolute maximum ratings may also
reduce useful life and reliability. These are stress ratings
only and do not imply that operation under any conditions
other than those listed in Table 4-1 is possible.
4.2
OPERATING CONDITIONS
Table 4-2 lists the operating conditions for the CS4103.
Table 4-1. Absolute Maximum Ratings
Parameter
Units
Supply Voltage, VDD
–0.5V to 4.1V
Input Voltage
–0.5V to VDD+0.5V
Output Voltage
–0.5V to VDD+0.5V
Storage Temperature, TSTG
–65°C to 150°C
ESD Tolerance
2000V
Lead Temperature, TL
230°C (Soldering 10 seconds)
Table 4-2. Operating Conditions
Parameter
Units
Supply Voltage, VDD
3.0V to 3.6V
Operating Temperature, TA
0°C to 70°C
Crystal
24.576 MHz +/–100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com