Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 5Page - National Semiconductor (TI) CS4103 Datasheet HTML 6Page - National Semiconductor (TI) CS4103 Datasheet HTML 7Page - National Semiconductor (TI) CS4103 Datasheet HTML 8Page - National Semiconductor (TI) CS4103 Datasheet HTML 9Page - National Semiconductor (TI) CS4103 Datasheet HTML 10Page - National Semiconductor (TI) CS4103 Datasheet HTML 11Page - National Semiconductor (TI) CS4103 Datasheet HTML 12Page - National Semiconductor (TI) CS4103 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Revision 1.0
9
www.national.com
Signal Definitions (Continued)
2.2
SIGNAL DESCRIPTIONS
2.2.1
PHY-Link Interface Signals
Signal Name
Pin
Type
Description
CTRL[0:1]
4, 5
I/O
Control Bits 0 and 1
The CS4103 uses CTRL[0:1] to signal PHY status transfers and packet recep-
tion transfers to the CS4210. The CS4103 grants control of the interface to the
CS4210 for packet transmission.
DATA[0:7]
7, 8,
10:15
I/O
Data Bits 0 through 7
DATA[0:1] are used for PHY status data transfers to the CS4210 and packet
transmit and receive. The width of the data bus depends on the speed of data
transfer rate. Packet rate for 100 Mbit/sec transfers use DATA[0:1], 200 Mbit/
sec transfers use DATA[0:3], 400 Mbit/sec transfers use DATA[0:7].
Note:
DATA0 is considered the MSB (most significant bit) based upon the
IEEE 1394-1995 specification.
LREQ
1
I
Link Request
The CS4103 receives serial bit stream requests from the CS4210 on this line.
The requests write PHY registers, request PHY register data, request packet
transmission, and control arbitration acceleration.
SCLK
2
O
System Clock
The 49.152 MHz clock output driven by the CS4103’s PLL block synchronized
to the 1394 bus clock. This clock is also used to synchronize the LREQ,
CTRL[0:1], and DATA[0:7] communication protocol between the CS4210 and
CS4103.
LPS
19
I
Link Power Status
The CS4210 signals the CS4103 to both reset and disable the PHY-Link inter-
face when this input is deaserted and to restore the interface when asserted.
This line is level driven in direct mode and pulsed in isolated mode.
LNKON
22
O
Link-On
The CS4103 uses this output to signal the CS4210 when the Link is inactive.
The Link is inactive when either LPS is deaserted or the PHY-Link_active bit
(Address 04h[0]) is zero. LNKON is a pulsed signal with a frequency from 4 to 8
MHz.
DIRECT
26
I
Direct/Isolation Barrier Indicator
Configures the PHY-Link interface to operate in direct/single capacitor bus hold
mode when high or isolated mode when low.
LOCKIND
17
I/O
PLL Lock Indicator
An output high on this pin indicates that the PLL is locked. This signal is infor-
mational and is not required for operation. For normal operation, this pin may
be disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com