Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) CS4103 Datasheet HTML 19Page - National Semiconductor (TI) CS4103 Datasheet HTML 20Page - National Semiconductor (TI) CS4103 Datasheet HTML 21Page - National Semiconductor (TI) CS4103 Datasheet HTML 22Page - National Semiconductor (TI) CS4103 Datasheet HTML 23Page - National Semiconductor (TI) CS4103 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
www.national.com
22
Revision 1.0
Electrical Characteristics (Continued)
Table 4-5. IEEE 1394 Cable Interface Timings
Symbol
Parameter
Min
Max
Unit
Conditions
IS100
Common Mode Signaling at 100 Mbit/sec
–0.81
0.44
mA
IS200
Common Mode Signaling at 200 Mbit/sec
–4.84
–2.53
mA
IS400
Common Mode Signaling at 400 Mbit/sec
–12.40
–8.10
mA
VICM
Common Mode Input Voltage TPB+, TPB–
100 Mbit/sec
1.165
2.515
V
200 Mbit/sec
0.935
2.515
V
400 Mbit/sec
0.523
2.515
V
VOCM
Common Mode output Voltage
TPA+, TPA–
1.665
2.015
V
VOD
Differential Output Voltage
172
265
mV
IOD
Differential Output Current
–1.05
1.05
mA
VID
Differential Input Voltage
118
265
mV
VAP
Positive Arbitration Threshold
89
168
mV
VAN
Negative Arbitration Threshold
-168
–89
mV
VS200
S200 Speed Signal Voltage
45
139
mV
VS400
S400 Speed Signal Voltage
266
445
mV
IOB
TPBias Output Current
–3
3
mA
TOR
Transmit Output Rise Time
0.5
1.2
ns
TOF
Transmit Output Fall Time
0.5
1.2
ns
Transmitter Skew
0.10
ns
Transmitter Jitter
0.15
ns
Receive Input Jitter
100 Mbit/sec
1.08
ns
200 Mbit/sec
0.50
ns
400 Mbit/sec
0.315
ns
Receive Input Skew
100 Mbit/sec
0.80
ns
200 Mbit/sec
0.55
ns
400 Mbit/sec
0.50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com