Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CS4103 Datasheet HTML 1Page - National Semiconductor (TI) CS4103 Datasheet HTML 2Page - National Semiconductor (TI) CS4103 Datasheet HTML 3Page - National Semiconductor (TI) CS4103 Datasheet HTML 4Page - National Semiconductor (TI) CS4103 Datasheet HTML 5Page - National Semiconductor (TI) CS4103 Datasheet HTML 6Page - National Semiconductor (TI) CS4103 Datasheet HTML 7Page - National Semiconductor (TI) CS4103 Datasheet HTML 8Page - National Semiconductor (TI) CS4103 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Revision 1.0
5
www.national.com
2.0
Signal Definitions
This section defines the signals and external interface of
the CS4103. Figure 2-1 shows the pins organized by their
functional groupings (internal test and electrical pins are
not shown).
2.1
PIN ASSIGNMENT
The tables in this section use several common abbrevia-
tions. Table 2-1 lists the mnemonics and their meanings.
Figure 2-2 on page 6 shows the pin assignment for the
CS4103 with Tables 2-2 and 2-3, on pages 7 and 8, listing
the pin assignments sorted by pin number and alphabeti-
callybysignalname.
Section 2.2 "Signal Descriptions" starting on page 9 pro-
vides a description for each signal within its associated
functional group.
Figure 2-1. Signal Groups
Table 2-1. Pin Type Definitions
Mnemonic
Definition
I
Input Pin
I/O
Bidirectional Pin
OOutput
t/s
TRI-STATE Signal
VDD
2.5V Core Power Supply
VDDIO
3.3V I/O Power Supply
VSS
Ground Connection
TPA[0:2]+
TPA[0:2]–
TBA[0:2]+
TPB[0:2]–
TPBIAS[0:2]
DATA[0:7]
CTRL[0:1]
LREQ
SCLK
LPS
LOCKIND
PHY-Link
Interface
Geode™
CS4103
Transceiver/
DIRECT
XI
XO
Clock/Crystal
and
LNKON
PC0
PC1
PC2
Power to/from
Bus
CPS
1394 Cable
Connections
RESET#
Reset
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com