Electronic Components Datasheet Search
  English  ▼

X  

CS4103 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4103
Description  IEEE P1394a Physical Layer Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4103 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button CS4103 Datasheet HTML 16Page - National Semiconductor (TI) CS4103 Datasheet HTML 17Page - National Semiconductor (TI) CS4103 Datasheet HTML 18Page - National Semiconductor (TI) CS4103 Datasheet HTML 19Page - National Semiconductor (TI) CS4103 Datasheet HTML 20Page - National Semiconductor (TI) CS4103 Datasheet HTML 21Page - National Semiconductor (TI) CS4103 Datasheet HTML 22Page - National Semiconductor (TI) CS4103 Datasheet HTML 23Page - National Semiconductor (TI) CS4103 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
www.national.com
20
Revision 1.0
Electrical Characteristics (Continued)
4.3
DC SPECIFICATIONS
Table 4-3. IEEE-P1394A PHY-Link Interface
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VDD
Supply Voltage
3.0
3.6
V
IDD
Supply Current
120
mA
ISB
Standby Supply Current:
PD Mode 0: Page 7,
Address 0Fh[4:3] = 00
42
mA
PHY-Link interface
inactive
PD Mode 1: Page 7,
Address 0Fh[4:3] = 01
15
mA
PD Mode 2: Page 7,
Address 0Fh[4:3] = 10
6.5
mA
PD Mode 3: Page 7,
Address 0Fh[4:3] = 11
5mA
VOH
Output High Voltage (undifferentiated)
2.8
V
IOH = –4mA
VOL
Output Low Voltage (undifferentiated)
0.4
V
IOL =4mA
VOHD
Output High Voltage (differentiated)
VDD–0.4
V
IOH = –9mA @
VDD =3.0V
VOLD
Output Low Voltage (differentiated)
0.4
V
IOL =9mA @
VDD =3.0V
VIH
Input High Voltage (undifferentiated),
DATA[0:7], CTRL[0:1], LREQ, LPS,
PC[0:2], DIRECT
2.6
VDD+10%
V
VDD =3.3V
VIL
Input Low Voltage (undifferentiated),
DATA[0:7], CTRL[0:1], LREQ, LPS,
PC[0:2], DIRECT
0.7
V
VLIT+
Input Rising Threshold, LPS
VLREF+1
V
VLREF =1.0V
VLIT–
Input Falling Threshold, LPS
VLREF+0.2
V
VLREF =1.0V
VIT+
Hysteresis input rising threshold (dif-
ferentiated) DATA[0:7], CTRL[0:1],
LREQ
VREF+0.3
VREF+0.8
V
VIT–
Hysteresis input falling threshold (dif-
ferentiated), DATA[0:7], CTRL[0:1],
LREQ
VREF–0.8
VREF–0.3
V
VLREF
Reference Voltage
1.0
V
IIH
Input High Leakage Current
10
µA
IIL
Input Low Leakage Current
10
µA
CIN
Input Pin Capacitance
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com