Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5116EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
525
550
575
600
625
650
675
700
500
2.5
5.5
TA = -40
°C
NO LOAD
CODE = 00h
TA = +85
°C
TA = +25
°C
SUPPLY CURRENT
vs. REFERENCE VOLTAGE
REFERENCE VOLTAGE (V)
4
3
2
1
450
500
550
600
650
700
400
05
NO LOAD
VDD = 5V
CODE = FFh
VDD = 5V
CODE = 00h
VDD = 3V
CODE = FFh
VDD = 3V
CODE = 00h
REFERENCE FEEDTHROUGH
vs. FREQUENCY (MAX5115)
FREQUENCY (kHz)
10,000
1000
100
10
1
0.1
-90
-80
-70
-60
-50
-40
-100
0.01
100,000
VDD = 5V
VDD = 3V
MEASURED AT OUT1,
VREFL1 = VREFL0 = GND,
VREFH1 = VDD,
VREFH0 = 2.5VP-P,
SIGNAL CENTERED AT VDD/2,
OUT0 = FFh,
OUT1 = 00h,
NO LOAD
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
_______________________________________________________________________________________
7
STARTUP GLITCH
MAX5115/5116 toc19
NV REGISTER PREVIOUSLY SET TO CODE FFh
GND
GND
OUT_
1V/div
VDD
2V/div
100
µs/div
POWER-DOWN TRANSITION
MAX5115/5116 toc20
GND
GND
OUT_
500mV/div
SCL
2V/div
400ns/div
26
POWER-UP TRANSITION
MAX5115/5116 toc21
GND
GND
OUT_
500mV/div
SCL
2V/div
1
µs/div
25
26
27
POSITIVE CARRY TRANSITION
MAX5115/5116 toc22
OUT_
50mV/div
AC-COUPLED
4
µs/div
NEGATIVE CARRY TRANSITION
MAX5115/5116 toc23
OUT_
50mV/div
AC-COUPLED
2
µs/div
POSITIVE SETTLING TIME
MAX5115/5116 toc24
OUT_
1V/div
2
µs/div
SCL
2V/div
GND
GND
25
26
27
Typical Operating Characteristics (continued)
(VDD = +3V, VREFH_ = +3V, VREFL_ = GND, RL = 5k
Ω, CL = 100pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com