Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5116EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 15Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 16Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 17Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
14
______________________________________________________________________________________
Write Cycle
The write command requires 27 clock cycles. In write
mode (R/W = 0), the command byte that follows the
address byte controls the MAX5115/MAX5116 (Table 1).
For a write function, set bits C7 and C6 to zero. Set bits
C5 and C4 to select the volatile or nonvolatile register
(Table 2). Set bits C3–C0 to select the respective DAC
register (Table 3). The registers update on the rising
edge of the 26th SCL pulse. Prematurely aborting the
write cycle does not update the DAC. See Table 4 for a
summary of the write commands.
Read Cycle
A read command requires 36 clock cycles. In read
mode, the MAX5115/MAX5116 send the contents of the
volatile and nonvolatile registers to the bus. Reading a
register requires a REPEATED START (Sr) condition. To
read a register first, write a read command (R/W = 0,
Figure 9). Set the most significant 2 bits of the com-
mand byte to 10 (C7 = 1 and C6 = 0). Set bits C5 and
C4 to read from either the volatile or nonvolatile register
(Table 5). Set bits C3–C0 to select the desired DAC
register (Table 6). After the command byte, send a (Sr)
condition followed by the address of the device
(R/W = 1). The MAX5115/MAX5116 then acknowledge
and send the data on the bus.
Mute/Power-Down Mode
The MAX5115/MAX5116 feature software-controlled
mute and power-down modes for each DAC. The
power-down mode places the DAC output in a high-
impedance state and reduces quiescent-current con-
sumption (25µA (max) with all DACs powered-down).
S0
1
0
A3
A2
A1
A0
A3
A2
A1
A0
10
NV
V
R3
R2
R1
R0
C7
C6
C5
C4
C3
C2
C1
C0
Sr
0
1
0
MSB
LSB
MSB
LSB
LSB
MSB
ACK
ACK
ACK
NACK
R/W
= 1
D7
D6
D5
D4
D3
D2
D1
D0
P
MSB
LSB
ADDRESS AND COMMAND BYTES GENERATED BY MASTER DEVICE
DATA BYTE GENERATED BY MAX5115/MAX5116
NACK GENERATED BY
MASTER DEVICE
R/W
= 0
Figure 9. Example Read Word Data Sequence
ADDRESS BYTE
COMMAND BYTE
DATA BYTE
R/W
C
7
C
6
C
5
C
4
C
3
C
2
C
1
C
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
STOP
Master
SDA
S0 1 0
A
3
A
2
A
1
A
0
0
C
7
C
6
N
V
V
R
3
R
2
R
1
R
0
D7–D0
P
Slave
SDA
A
C
K
A
C
K
A
C
K
Table 1. Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com