Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX5116EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 15Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 16Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 17Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 18Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
______________________________________________________________________________________
17
Applications Information
DAC Linearity and Offset Voltage
The output buffer can have a negative input offset volt-
age that would normally drive the output negative, but
with no negative supply, the output remains at GND
(Figure 10). Determine linearity using the end-point
method, measuring between code 10 (0A hex) and
code 240 (F0 hex) after calibrating the offset and gain
error (Figure 10).
External Voltage Reference
The MAX5115 features two reference inputs for each
DAC (REFH_ and REFL_). The MAX5116 uses a single
reference for all four DACs (REFH and REFL). REFH_
sets the full-scale voltage, while REFL_ sets the zero
code output. The MAX5115 has a 460k
Ω typical input
impedance that is independent of the code. The
MAX5116 has a 115k
Ω typical input impedance that is
independent of the code.
Power Sequencing
The voltage applied to REFH_ and REFL_ should not
exceed VDD at any time. If proper power sequencing is
not possible, connect an external Schottky diode
between REFH_, REFL_, and VDD to ensure compliance
with the absolute maximum ratings. Do not apply signals
to the digital inputs before the device is fully powered.
Power-Supply Bypassing and
Ground Management
Digital or AC transient signals on GND can create noise
at the analog output. Return GND to the highest-quality
ground available. Bypass VDD with a 0.1µF capacitor,
located as close to the device as possible. Bypass
REFH_ and REFL_ to GND with 0.1µF capacitors.
Careful PC board ground layout minimizes crosstalk
between the DAC outputs and digital inputs.
DAC
CODE
OUTPUT
VOLTAGE (V)
1111 1111
1000 0000
0000 0001
0000 0000
VREFL_
Table 9. Unipolar Code Output Voltage
O
DAC CODE
NEGATIVE
OFFSET
OUTPUT
VOLTAGE
Figure 10. Effect of Negative Offset (Single Supply)
255
256
×−
+
()
__
_
VV
V
REFH
REFL
REFL
128
256
×−
+
(
__
_
VV
V
REFH
REFL
REFL
256
−
+
()
__
_
VV
V
REFH
REFL
REFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com