Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5116EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
2
A2
Address Select 2. Connect to VDD or GND to set the device address.
2
3
A1
Address Select 1. Connect to VDD or GND to set the device address.
3
4
A0
Address Select 0. Connect to VDD or GND to set the device address.
4
—
REFH1
DAC1 High Reference Input. REFH1 must be equal to or greater than REFL1.
5
—
REFL1
DAC1 Low Reference Input. REFL1 must be equal to or less than REFH1.
6
6
OUT1
DAC1 Output. OUT1 is buffered with a unity-gain amplifier.
7
—
REFH2
DAC2 High Reference Input. REFH2 must be equal to or greater than REFL2.
8
—
REFL2
DAC2 Low Reference Input. REFL2 must be equal to or less than REFH2.
9
7
OUT2
DAC2 Output. OUT2 is buffered with a unity-gain amplifier.
10
8
GND
Ground
11
10
OUT3
DAC3 Output. OUT3 is buffered with a unity-gain amplifier.
12
—
REFL3
DAC3 Low Reference Input. REFL3 must be equal to or less than REFH3.
13
—
REFH3
DAC3 High Reference Input. REFH3 must be equal to or greater than REFL3.
14
11
OUT0
DAC0 Output. OUT0 is buffered with a unity-gain amplifier.
15
—
REFL0
DAC0 Low Reference Input. REFL0 must be equal to or less than REFH0.
16
—
REFH0
DAC0 High Reference Input. REFH0 must be equal to or greater than REFL0.
17
14
SCL
Serial-Clock Input. Connect SCL to VDD through a 2.4k
Ω pullup resistor.
18
15
VDD
Positive-Power Input. Connect VDD to a +2.7 to +5.25V power supply. Bypass VDD to GND with a 0.1µF
capacitor as close to the device as possible.
19
16
SDA
Serial Data Input/Output. Connect SDA to VDD through a 2.4k
Ω pullup resistor.
20
1
A3
Address Select 3. Connect to VDD or GND to set the device address.
—
5
N.C.
No Connection. Not internally connected.
—9
MUTE
Active-Low Mute Input. Connect MUTE low to drive all DAC outputs to their respective reference low
voltages. Connect MUTE to VDD for normal operation.
—
12
REFL
DAC Low Reference Input. REFL must be equal to or less than REFH.
—
13
REFH
DAC High Reference Input. REFH must be equal to or greater than REFL.
Typical Operating Characteristics (continued)
(VDD = +3V, VREFH_ = +3V, VREFL_ = GND, RL = 5k
Ω, CL = 100pF, TA = +25°C, unless otherwise noted.)
OUTPUT CROSSTALK
MAX5115/5116 toc27
OUT1
10mV/div
AC-COUPLED
2
µs/div
SCL
2V/div
GND
GND
OUT0
2V/div
OUT1 SET TO 7Fh
CLOCK FEEDTHROUGH
MAX5115/5116 toc26
OUT_
10mV/div
AC-COUPLED
1
µs/div
SCL
2V/div
GND
OUT_ SET TO 7Fh
NEGATIVE SETTLING TIME
MAX5115/5116 toc25
OUT_
1V/div
2
µs/div
SCL
2V/div
GND
GND
25
26
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com